Electronic Components Datasheet Search
  English  ▼

X  

CS22220 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 25Page - Cirrus Logic CS22220 Datasheet HTML 26Page - Cirrus Logic CS22220 Datasheet HTML 27Page - Cirrus Logic CS22220 Datasheet HTML 28Page - Cirrus Logic CS22220 Datasheet HTML 29Page - Cirrus Logic CS22220 Datasheet HTML 30Page - Cirrus Logic CS22220 Datasheet HTML 31Page - Cirrus Logic CS22220 Datasheet HTML 32Page - Cirrus Logic CS22220 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
CS22220 Wireless PCMCIA Controller
29 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
Table 11. Common Memory ‘Write’ Timing Specification
100 ns
Speed Version
Item
Symbol
Min
Max
Write Cycle time
tcW
100
Write Pulse Width
tw (WE)
60
Address Setup Time
tsu (A)
10
Address Setup Time for PC_NWE
tsu (A-WEH)
70
Card Enable Setup Time for PC_NWE
tsu (CE-WEH)
70
Data Setup time for PC_NWE
tsu (D-WEH)
40
Data Hold Time
th (D)
15
Write Recovery Time
trec (WE)
15
Output Disable Time from PC_NWE
tdis (WE)
50
Output Disable Time from PC_NOE
tdis (OE)
50
Output Enable Time from PC_NWE
ten (WE)
5
Output Enable Time from PC_NOE
ten (OE)
5
Output Enable Setup from PC_NWE
tsu (OE-WE)
10
Output Enable Hold from PC_NWE
th (OE-WE)
10
Card Enable Setup Time
tsu (CE)
0
Card Enable Hold Time
th (CE)
15
PC_NWAIT Valid from PC_NWE
tv (WT-WE)
35
PC_NWAIT Pulse Width
tw (WT)
12 us
PC_NWE High from PC_NWAIT Released
0
Table 12. Attribute Memory ‘Write’ Timing Specification
600 ns
Speed Version
Item
Symbol
Min
Max
Write Cycle time
tcW
600
Write Pulse Width
tw (WE)
300
Address Setup Time
tsu (A)
50
Address Setup Time for PC_NWE
tsu (A-WEH)
350
Card Enable Setup Time for PC_NWE
tsu (CE-WEH)
300
Data Setup time for PC_NWE
tsu (D-WEH)
150
Data Hold Time
th (D)
70
Write Recovery Time
trec (WE)
70
Output Disable Time from PC_NWE
tdis (WE)
150
Output Disable Time from PC_NOE
tdis (OE)
150
Output Enable Time from PC_NWE
ten (WE)
5
Output Enable Time from PC_NOE
ten (OE)
5
Output Enable Setup from PC_NWE
tsu (OE-WE)
35
Output Enable Hold from PC_NWE
th (OE-WE)
35
Card Enable Setup Time
tsu (CE)
0
Card Enable Hold Time
th (CE)
35
PC_NWAIT Valid from PC_NWE
tv (WT-WE)
100
PC_NWAIT Pulse Width
tw (WT)
12 us
PC_NWE High from PC_NWAIT Released
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com