Electronic Components Datasheet Search
  English  ▼

X  

CS3310 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3310 Datasheet HTML 2Page - Cirrus Logic CS3310 Datasheet HTML 3Page - Cirrus Logic CS3310 Datasheet HTML 4Page - Cirrus Logic CS3310 Datasheet HTML 5Page - Cirrus Logic CS3310 Datasheet HTML 6Page - Cirrus Logic CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic CS3310 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CS3310
6
DS82PP3
GENERAL DESCRIPTION
The CS3310 is a stereo, digital volume control de-
signed for audio systems. The levels of the left and
right analog input channels are set by a 16-bit serial
data word; the first 8 bits address the right channel
and the remaining 8 bits address the left channel, as
detailed in Table 1. Resistor values are decoded to
0.5 dB resolution by an internal multiplexer for a
total attenuation range of -95.5 dB. An output am-
plifier stage provides a programmable gain of up to
31.5 dB in 0.5 dB steps. This results in an overall 8-
bit adjustable range of 127 dB.
The CS3310 operates from
±5 V supplies and ac-
cepts inputs up to
±3.75 V. Once in operation, the
CS3310 can be brought to a muted state with the
mute pin, MUTE, or by writing all zeros to the vol-
ume control registers. The device contains a simple
three wire serial interface which accepts 16-bit da-
ta. This interface also supports daisy-chaining ca-
pability.
SYSTEM DESIGN
Very few external components are required to sup-
port the CS3310. Normal power supply decoupling
components are all that is required, as shown in
Figure 2.
Serial Data Interface
The CS3310 has a simple, three wire interface that
consists of three input pins: SDATAI, serial data
input; SCLK, serial data clock and CS, the chip se-
lect input. SDATAO, serial data output, enables the
user to read the current volume setting or provide
daisy-chaining of multiple CS3310’s.
The 16-bit serial data is formatted MSB first and
clocked into SDATAI by the rising edge of SCLK
with CS low as shown in Figure 3. The data is
latched by the rising edge of CS and the analog out-
put levels of both left and right channels are set.
The existing data in the volume control data regis-
ter is clocked out SDATAO on the falling edge of
SCLK. This data can be used to read current
gain/attenuation levels or to daisy chain multiple
CS3310’s. See Figure 1 for proper setup and hold
times for CS, SDATAI, SCLK, and SDATAO.
SCLK and SDATAI should be active only during
volume setting operations to achieve optimum dy-
namic range.
Daisy Chaining
Digitally controlled, multi-channel audio systems
often result in complex address decoding which
complicates PCB layout. This is greatly simplified
with the daisy-chaining capability of the CS3310.
R7 R6 R5 R4 R3 R2 R1 R0 L7 L6 L5 L4 L3 L2 L1 L0
R7 R6 R5 R4 R3 R2 R1 R0 L7 L6 L5 L4 L3 L2 L1 L0
CS
SCLK
SDATAI
SDATAO
L0 = Left Channel Least Significant Bit
R0 = Right Channel Least Significant Bit
L7 = Left Channel Most Significant Bit
R7 = Right Channel Most Significant Bit
SDATAI is latched internally on the rising edge of SCLK
SDATAO transitions after the falling edge of SCLK
SDATAO bits reflect the data previously loaded into the CS3310
Figure 3. Serial Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com