Electronic Components Datasheet Search
  English  ▼

X  

CS3310 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS3310 Datasheet HTML 6Page - Cirrus Logic CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic CS3310 Datasheet HTML 10Page - Cirrus Logic CS3310 Datasheet HTML 11Page - Cirrus Logic CS3310 Datasheet HTML 12Page - Cirrus Logic CS3310 Datasheet HTML 13Page - Cirrus Logic CS3310 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CS3310
10
DS82PP3
.
0.1
1
3
1
.1
.01
.001
.0001
THD+N% vs AMPL (Vrms)
Figure 6. THD+N vs. AMP
Figure 7. 20 kHz Crosstalk
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
20.00 2.06k 4.11k 6.15k 8.19k 10.2k 12.3k 14.3k 16.4k 18.4k 20.5k 22.5k
AMPL (dBr) vs FREQ (Hz)
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
10
100
1k
10k
100k 200k
AMPL (dBr) vs FREQ (Hz)
Figure 8. Frequency Response Full Scale Input
Figure 9. Frequency Response -20 dB Input
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
10
100
1k
10k
100k 200k
AMPL (dBr) vs FREQ (Hz)
0.1000
0.0100
0.0010
0.0001
20
100
1k
10k
20k
OPEN
600
Ω
2k
Ω
0.1000
0.0100
0.0010
0.0001
20
100
1k
10k
20k
2.8 VRMS
1 VRMS
2 VRMS
Figure 10. THD+N vs. Frequency LOAD = 600
Ω, 2 kΩ,
open ckt
Figure 11. THD+N vs. Frequency Output levels of 1, 2,
and 2.8 Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com