Electronic Components Datasheet Search
  English  ▼

X  

CS3310 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS3310 Datasheet HTML 3Page - Cirrus Logic CS3310 Datasheet HTML 4Page - Cirrus Logic CS3310 Datasheet HTML 5Page - Cirrus Logic CS3310 Datasheet HTML 6Page - Cirrus Logic CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic CS3310 Datasheet HTML 10Page - Cirrus Logic CS3310 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CS3310
DS82PP3
7
In single device operation, volume control data is
loaded into the 16-bit shift register by holding the
CS pin low for sixteen SCLK pulses and then
latched on the rising edge of CS. The previous con-
tents of the shift-register are shifted through the
register and out SDATAO during the process.
Multi-channel operation can be implemented as
shown in Figure 4 by connecting the SDATAO of
device #1 to the SDATAI pin of device #2. In this
manner multiple CS3310s can be loaded from a
single serial data line without complex addressing
schemes. Volume control data is loaded by holding
CS low for 16 x N SCLK pulses, where N is the
number of devices in the chain. The 16 bits clocked
into device #1 on SCLK pulses 1-16 are clocked
into device #2 on SCLK pulses 17-32. The
CS3310s are simultaneously updated on the rising
edge of CS following 16 x N SCLK pulses. Notice
that a 47 kohm resistor is required to terminate
SDATAI, as shown in Figure 4, due to the high im-
pedance state of SDATAO when CS is high.
Changing the Analog Output Level
Care has been taken to ensure that there are no au-
dible artifacts in the analog output signal during
volume control changes. The gain/attenuation
changes of the CS3310 occur at zero crossings to
eliminate glitches during level transitions. The zero
crossing for the left channel is the voltage potential
at the AGNDL pin; the voltage potential at the
AGNDR pin defines the right channel zero cross-
ing.
A volume control change occurs after chip select
latches the data in the volume control data register
and two zero crossings are detected. If two zero
crossings are not detected within 18 ms of the
change in CS, the new volume setting is imple-
mented. The zero crossing enable pin, ZCEN, en-
ables or disables the zero crossing detection
function as well as the 18 ms time-out circuit.
Analog Inputs and Outputs
The maximum input level is limited by the com-
mon-mode voltage capabilities of the internal op-
amp. Signals approaching the analog supply volt-
ages may be applied to the AIN pins if the internal
attenuator limits the output signal to within 1.25
volts of the analog supply rails.
The outputs are capable of driving 600
Ω loads to
within 1.25 volts of the analog supply rails and are
short circuit protected to 20 mA.
As with any adjustable gain stage the affects of a
DC offset at the input must be considered. Capaci-
tively coupling the analog inputs may be required
AUDIO
SIGNAL
16
9
AINL
AINR
SDATAI
SDATAO
AOUTL
AOUTR
CS
SCLK
CS3310
CONTROLLER
14
11
2
6
3
7
AUDIO
SIGNAL
16
9
AINL
AINR
SDATAI
SDATAO
AOUTL
AOUTR
CS
SCLK
CS3310
14
11
2
6
3
7
47 k
#1
#2
Figure 4. Daisy Chaining Diagram
Input Code
(Left or Right Channel)
Gain or Attenuation (dB)
11111111
11111110
•
•
11000000
•
00000010
00000001
00000000
+31.5
+31.0
•
•
0
•
-95.0
-95.5
Software Mute
Table 1. Input Code Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com