Electronic Components Datasheet Search
  English  ▼

X  

CS3310 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS3310 Datasheet HTML 4Page - Cirrus Logic CS3310 Datasheet HTML 5Page - Cirrus Logic CS3310 Datasheet HTML 6Page - Cirrus Logic CS3310 Datasheet HTML 7Page - Cirrus Logic CS3310 Datasheet HTML 8Page - Cirrus Logic CS3310 Datasheet HTML 9Page - Cirrus Logic CS3310 Datasheet HTML 10Page - Cirrus Logic CS3310 Datasheet HTML 11Page - Cirrus Logic CS3310 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CS3310
8
DS82PP3
to prevent “clicks and pops” which occur with gain
changes if an appreciable offset is present.
Source Impedance Requirements
The CS3310 requires a low source impedance to
achieve maximum performance. The ESD protec-
tion diodes on the analog input pins are reversed bi-
ased during normal operation. A characteristic of a
reversed biased diode is a non-linear voltage de-
pendent capacitance which can be a source of dis-
tortion
if
the
source
impedance
becomes
appreciable relative to the reversed biased diode
capacitance. Source impedances equal to or less
than 600 ohms will avoid this distortion mecha-
nism for the CS3310.
Mute
Muting can be achieved by either hardware or soft-
ware control. Hardware muting is accomplished
via the MUTE input and software muting by load-
ing all zeroes into the volume control register.
MUTE disconnects the internal buffer amplifiers
from the output pins and terminates AOUTL and
AOUTR with 10 k
Ω resistors to ground. The mute
is activated with a zero crossing detection (inde-
pendent of the zero cross enable status) or an 18 ms
timeout to eliminate any audible “clicks” or
“pops”. MUTE also initiates an internal offset cal-
ibration.
A software mute is implemented by loading all ze-
roes into the volume control register. The internal
amplifier is set to unity gain with the amplifier in-
put connected to the maximum attenuation point of
the resistive divider, AGND.
A “soft mute” can be accomplished by sequentially
ramping down from the current volume control set-
ting to the maximum attenuation code of all zeroes.
Power-Up Considerations
Upon initial application of power, the MUTE pin of
the CS3310 should be set low to initiate a power-up
sequence. This sequence sets the serial shift regis-
ter and the volume control register to zero and per-
forms an offset calibration. The device should
remain muted until the supply voltages have settled
to ensure an accurate calibration. The device also
includes an internal power-on reset circuit that re-
quires approximately 100 µs to settle and will ig-
nore any attempts to address the internal registers
during this period.
The offset calibration minimizes internally gener-
ated offsets and ignores offsets applied to the AIN
pins. External clocks are not required for calibra-
tion.
Although the device is tolerant to power supply
variation, the device will enter a hardware mute
state if the power supply voltage drops below ap-
proximately
±3.5 volts. A power-up sequence will
be initiated if the power supply voltage returns to
greater than
±3.5 volts.
Applying power to VD+ prior to VA+ creates a
SCR latch-up condition. Refer to Figure 2 for the
recommended power connections.
PCB Layout, Grounding and Power Supply
Decoupling
As with any high performance device which con-
tains both analog and digital circuitry, careful at-
tention
to
power
supply
and
grounding
arrangements must be observed to optimize perfor-
mance. Figure 2 shows the recommended power
arrangements with VA+ connected to a clean +5
volt supply and VA- connected to a clean -5 volt
supply. VD+ powers the digital interface circuitry
and should be powered from VA+, as shown in Fig-
ure 2, to avoid potentially destructive SCR latch-
up. Decoupling capacitors should be located as
near to the CS3310 as possible, see Figure 5.
The printed circuit board layout should have sepa-
rate analog and digital regions with individual
ground planes. The CS3310 should reside in the an-
alog region as shown in Figure 5. Care should be
taken to ensure that there is minimal resistance in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com