Electronic Components Datasheet Search
  English  ▼

X  

CS4205 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS4205
Description  CrystalClear Audio Codec 97 with Portable Computing
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 66Page - Cirrus Logic CS4205 Datasheet HTML 67Page - Cirrus Logic CS4205 Datasheet HTML 68Page - Cirrus Logic CS4205 Datasheet HTML 69Page - Cirrus Logic CS4205 Datasheet HTML 70Page - Cirrus Logic CS4205 Datasheet HTML 71Page - Cirrus Logic CS4205 Datasheet HTML 72Page - Cirrus Logic CS4205 Datasheet HTML 73Page - Cirrus Logic CS4205 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
CS4205
70
DS489PP2
Audio I/O Pins
PC_BEEP - Analog Mono Source, Input, Pin 12
The PC_BEEP input is intended to allow the PC system POST (Power On Self-Test) tones to pass
through to the audio subsystem. The PC_BEEP input has two connections: the first connection is to the
analog output mixer, the second connection is directly to the LINE_OUT stereo outputs. While the
RESET# pin is actively being asserted to the CS4205, the PC_BEEP bypass path to the LINE_OUT
outputs is enabled. While the CS4205 is in normal operation mode with RESET# de-asserted,
PC_BEEP is a monophonic source to the analog output mixer. The maximum allowable input is 1 VRMS
(sinusoidal). This input is internally biased at the Vrefout voltage reference and requires AC-coupling to
external circuitry. If this input is not used, it should be connected to the Vrefout pin or AC-coupled to
analog ground.
PHONE - Analog Mono Source, Input, Pin 13
This analog input is a monophonic source to the output mixer. It is intended to be used as a modem
subsystem input to the audio subsystem. The maximum allowable input is 1 VRMS (sinusoidal). This
input is internally biased at the Vrefout voltage reference and requires AC-coupling to external circuitry.
If this input is not used, it should be connected to the Vrefout pin or AC-coupled to analog ground.
MIC1 - Analog Mono Source, Input, Pin 21
This analog input is a monophonic source to the analog output mixer. It is intended to be used as a
desktop microphone connection to the audio subsystem. The CS4205 internal mixer’s microphone input
is MUX selectable with either MIC1 or MIC2 as the input. The maximum allowable input is 1 VRMS
(sinusoidal). This input is internally biased at the Vrefout voltage reference and requires AC-coupling to
external circuitry. If this input is not used, it should be connected to the Vrefout pin or AC-coupled to
analog ground.
MIC2 - Analog Mono Source, Input, Pin 22
This analog input is a monophonic source to the analog output mixer. It is intended to be used as an
alternate microphone connection to the audio subsystem. The CS4205 internal mixer’s microphone input
is MUX selectable with either MIC1 or MIC2 as the input. The maximum allowable input is 1 VRMS
(sinusoidal). This input is internally biased at the Vrefout voltage reference and requires AC-coupling to
external circuitry. If this input is not used, it should be connected to the Vrefout pin or AC-coupled to
analog ground.
LINE_IN_L, LINE_IN_R - Analog Line Source, Inputs, Pins 23 and 24
These inputs form a stereo input pair to the CS4205. The maximum allowable input is 1 VRMS
(sinusoidal). These inputs are internally biased at the Vrefout voltage reference and require AC-coupling
to external circuitry. If these inputs are not used, they should both be connected to the Vrefout pin or
AC-coupled to analog ground.
CD_L, CD_R - Analog CD Source, Inputs, Pins 18 and 20
These inputs form a stereo input pair to the CS4205. It is intended to be used for the Red Book CD
audio connection to the audio subsystem. The maximum allowable input is 1 VRMS (sinusoidal). These
inputs are internally biased at the Vrefout voltage reference and require AC-coupling to external circuitry.
If these inputs are not used, they should both be connected to the Vrefout pin or AC-coupled to analog
ground.
CD_GND - Analog CD Common Source, Input, Pin 19
This analog input is used to remove common mode noise from Red Book CD audio signals. The
impedance on the input signal path should be one half the impedance on the CD_L and CD_R input
paths. This pin requires AC-coupling to external circuitry. If this input is not used, it should be connected
to the Vrefout pin or AC-coupled to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com