Electronic Components Datasheet Search
  English  ▼

X  

CS4205 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4205
Description  CrystalClear Audio Codec 97 with Portable Computing
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 9Page - Cirrus Logic CS4205 Datasheet HTML 10Page - Cirrus Logic CS4205 Datasheet HTML 11Page - Cirrus Logic CS4205 Datasheet HTML 12Page - Cirrus Logic CS4205 Datasheet HTML 13Page - Cirrus Logic CS4205 Datasheet HTML 14Page - Cirrus Logic CS4205 Datasheet HTML 15Page - Cirrus Logic CS4205 Datasheet HTML 16Page - Cirrus Logic CS4205 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
CS4205
DS489PP2
13
2. GENERAL DESCRIPTION
The CS4205 is a mixed-signal serial audio codec
compliant with the Intel® Audio Codec ’97 Specifi-
cation, revision 2.1 [6] (referred to as AC ’97). It is
designed to be paired with a digital controller, typ-
ically located on the PCI bus or integrated within
the system core logic chip set. The controller is re-
sponsible for all communications between the
CS4205 and the remainder of the system. The
CS4205 contains two distinct functional sections:
digital and analog. The digital section includes the
AC-link interface, S/PDIF interface, serial data
port, GPIO, signal processing engine, ZV Port,
power management support, and Sample Rate Con-
verters (SRCs). The analog section includes the an-
alog input multiplexer (mux), stereo input mixer,
stereo output mixer, mono output mixer, stereo An-
alog-to-Digital Converters (ADCs), stereo Digi-
tal-to-Analog Converters (DACs), dedicated mono
microphone ADC, and their associated volume
controls.
2.1
AC-Link
All communication with the CS4205 is established
with a 5-wire digital interface to the controller
called the AC-link. This interface is shown in
Figure 7. All clocking for the serial communication
is synchronous to the BIT_CLK signal. BIT_CLK
is generated by the primary audio codec and is used
to clock the controller and any secondary audio co-
decs. Both input and output AC-link audio frames
are organized as a sequence of 256 serial bits form-
ing 13 groups referred to as ‘slots’. During each au-
dio frame, data is passed bi-directionally between
the CS4205 and the controller. The input frame is
driven from the CS4205 on the SDATA_IN line.
The output frame is driven from the controller on
the SDATA_OUT line. The controller is also re-
sponsible for issuing reset commands via the RE-
SET# signal. Following a Cold Reset, the CS4205
is responsible for notifying the controller that it is
ready for operation after synchronizing its internal
functions. The CS4205 AC-link signals must use
the same digital supply voltage as the controller, ei-
ther +5 V or +3.3 V. See Section 4, AC-Link Frame
Definition, for detailed AC-link information.
CODEC
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
Digital AC’97
Controller
AC’97
Figure 7. AC-link Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com