Electronic Components Datasheet Search
  English  ▼

X  

CS4205 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4205
Description  CrystalClear Audio Codec 97 with Portable Computing
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 28Page - Cirrus Logic CS4205 Datasheet HTML 29Page - Cirrus Logic CS4205 Datasheet HTML 30Page - Cirrus Logic CS4205 Datasheet HTML 31Page - Cirrus Logic CS4205 Datasheet HTML 32Page - Cirrus Logic CS4205 Datasheet HTML 33Page - Cirrus Logic CS4205 Datasheet HTML 34Page - Cirrus Logic CS4205 Datasheet HTML 35Page - Cirrus Logic CS4205 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
CS4205
32
DS489PP2
5.9
Input Mux Select Register (Index 1Ah)
SL[2:0]
Left Channel Source. The SL[2:0] bits select the left channel source to pass to the ADCs for
recording. See Table 9 for possible values.
SR[2:0]
Right Channel Source. The SR[2:0] bits select the right channel source to pass to the ADCs
for recording. See Table 9 for possible values.
Default
0000h. This value selects the Mic input for both channels.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
0
SL2
SL1
SL0
00
00
0
SR2
SR1
SR0
Sx2 - Sx0
Record Source
000
Mic
001
CD Input
010
Video Input
011
Aux Input
100
Line Input
101
Stereo Mix
110
Mono Mix
111
Phone Input
Table 9. Input Mux Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com