Electronic Components Datasheet Search
  English  ▼

X  

CS4205 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS4205
Description  CrystalClear Audio Codec 97 with Portable Computing
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 43Page - Cirrus Logic CS4205 Datasheet HTML 44Page - Cirrus Logic CS4205 Datasheet HTML 45Page - Cirrus Logic CS4205 Datasheet HTML 46Page - Cirrus Logic CS4205 Datasheet HTML 47Page - Cirrus Logic CS4205 Datasheet HTML 48Page - Cirrus Logic CS4205 Datasheet HTML 49Page - Cirrus Logic CS4205 Datasheet HTML 50Page - Cirrus Logic CS4205 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
CS4205
DS489PP2
47
5.32
Serial Data Port Volume Control Registers (Index 6Eh, Address 06h - 07h)
Mute
Serial Data Port Mute. Setting this bit mutes the respective input signal, both left and right
inputs.
GL[5:0]
Left Volume Control. The GL[5:0] bits are used to control the serial data port left channel out-
put volume. Each step corresponds to 1 dB gain adjustment. The total range is 0 dB to -63 dB
gain.
GR[5:0]
Right Volume Control. The GR[5:0] bits are used to control the serial data port right channel
output volume. Each step corresponds to 1 dB gain adjustment. The total range is 0 dB to
-63 dB gain.
Default
8000h. This value corresponds to 0 dB gain and Mute ‘set’.
The Serial Data Port Volume Control Registers are listed in Table 18.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5
GR4
GR3
GR2
GR1
GR0
Register Address
Function
06h
SDOUT Volume
07h
SDO2 Volume
Table 18. Serial Port Volume Control Register Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com