Electronic Components Datasheet Search
  English  ▼

X  

CS4610 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 3Page - Cirrus Logic CS4610 Datasheet HTML 4Page - Cirrus Logic CS4610 Datasheet HTML 5Page - Cirrus Logic CS4610 Datasheet HTML 6Page - Cirrus Logic CS4610 Datasheet HTML 7Page - Cirrus Logic CS4610 Datasheet HTML 8Page - Cirrus Logic CS4610 Datasheet HTML 9Page - Cirrus Logic CS4610 Datasheet HTML 10Page - Cirrus Logic CS4610 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DS241PP5
7
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
AC’97 SERIAL INTERFACE TIMING (T
A = 0 to 70° C; PCIVDD = CVDD = CRYVDD = 3.3 V;
VDD5REF = 5 V; VDD5REF = 5 V; PCIGND = CGND = CRYGND = 0 V; Logic 0 = 0 V, Logic 1 = 3.3 V;
Timing reference levels = 1.4 V; unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
ABITCLK cycle time
taclk
78
81.4
-
ns
ABITCLK rising to ASDOUT valid
tpd5
-17
25
ns
ASDIN valid to ABITCLK falling
ts5
15
-
-
ns
ASDIN hold after ABITCLK falling
th5
5-
-
ns
PCICLK rising to ARST# valid
tpd6
-10-
ns
ABITCLK
ASYNC
ASDOUT
ASDIN
ARST#
PCICLK
taclk
pd5
h5
pd6
t
t
t
t
s5
Figure 4. AC’97 Configuration Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com