| Electronic Components Datasheet Search |
|
CS4610 Datasheet(PDF) 18 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4610 Datasheet(HTML) 18 Page - Cirrus Logic |
|
18 / 29 page ![]() 18 DS241PP5 CS4610/11 CrystalClear™ SoundFusion™ PCI Audio Accelerator slots (output slots 3 - 12). The CS4610/11 ASDIN input supports receiving of audio sample data on 6 input sample slots (input slots 3 - 8). The SDO2, SDO3 serial outputs and the SDIN2 serial input are not supported in this configuration. MIDI Port In the AC’97 controller configuration, the CS4610/11 provides a bi-directional MIDI inter- face to allow connection of external MIDI devices. The CS4610/11 MIDI interface includes 16-byte FIFOs for the MIDI transmit and receive paths. Joystick Port In the AC’97 controller configuration, the CS4610/11 provides a joystick port. The CS4610/11 joystick port provides four “coordi- nate” channels and four “button” channels of input capability. The coordinate channels provide joy- stick positional information to the host, and the but- ton channels provide user button event information. The joystick interface is capable of operating in the traditional “polled” mode, but also provides a “hardware accelerated” mode of opera- tion wherein internal counters assist the host with coordinate position determination. The joystick schematic is illustrated in Figure 14. EEPROM Configuration Interface The CS4610/11 EEPROM configuration interface allows the connection of an optional external EE- PROM device to provide power-up configuration information. The external EEPROM is not required for proper operation of the CS4610. However, in some applications power-up configuration settings other than the CS4610/11 device default values may be required to support specific operating sys- tem compatibility requirements (the CS4610/11 default is the CS4610/11 + CS423x configuration). These default values can be programmed through BIOS code or by using the external EEPROM. After a hardware reset, an internal state machine in the CS4610/11 will automatically detect the pres- FS YNC SC LK SD O UT SD IN LRCL K SD O3 SD O2 ADC 16 Clocks DAC 16 Clocks ADC 16 Clocks DAC 16 Clocks DAC 16 Clocks DAC 16 Clocks Left Data Right Data DAC 16 Clocks DAC 16 Clocks 15 ... 0 15 14 13 0 15 15 0 13 14 15 0 13 14 15 0 13 14 15 0 13 14 15 0 15 14 13 0 15 14 13 0 ... ... ... ... ... ... ... 13 14 Figure 12. Serial Audio Port Format for CS4610 + CS423x Expanded Output Configuration. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |