| Electronic Components Datasheet Search |
|
CS4610 Datasheet(PDF) 26 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4610 Datasheet(HTML) 26 Page - Cirrus Logic |
|
26 / 29 page ![]() 26 DS241PP5 CS4610/11 CrystalClear™ SoundFusion™ PCI Audio Accelerator Clock / Miscellaneous CRYVDD - Crystal & PLL Power Supply (M) pin 69; (Q) pin 91 Power pin for crystal oscillator and internal phase locked loop. CRYGND - Crystal & PLL Ground Supply (M) pin 72; (Q) pin 94 Ground pin for crystal oscillator and internal phase locked loop. JACX, JACY, JBCX, JBCY - Joystick A and B X/Y Coordinates, I/O (M) pins 52, 53, 54, 55; (Q) pins 66, 67, 68, 69 These pins are the 4 axis coordinates for the joystick port. These pins may also be used as a general purpose inputs or open drain outputs if their primary function is not needed. JAB1/SDO2 - Joystick A Button 1 / Serial Data Output 2, I/O (M) pin 56; (Q) pin 70 This dual function pin defaults as JAB1 (button 1 input for joystick A). In non-AC’97 system configurations, this pin can function as a second stereo digital data output pin if enabled. This pin can also be a general purpose polled input if a second data output stream is not required. JAB2/SDO3 - Joystick A Button 2 / Serial Data Output 3, I/O (M) pin 57; (Q) pin 71 This dual function pin defaults as JAB2 (button 2 input for joystick A). In non-AC’97 system configurations, this pin can function as a third stereo digital data output pin if enabled. This pin can also be a general purpose polled input if a third data output stream is not required. JBB1/LRCLK - Joystick B Button 1 / L/R Framing Clock, I/O (M) pin 58; (Q) pin 72 This dual function pin defaults as JBB1 (button 1 input pin for joystick B). In non-AC’97 system configurations, this pin can function as an alternate framing clock output pin for SDO2 and SDO3. This pin can also be used as a general purpose polled input if alternate data output streams are not required. JBB2/MCLK - Joystick B Button 2 / Master Clock, I/O (M) pin 59; (Q) pin 73 This dual function pin defaults as JBB2 (button 2 input pin for joystick B). In non-AC’97 system configurations, this pin can function as a master (256x sample rate) output clock if enabled. This pin can also be used as a general purpose polled input if alternate data output streams are not required. MIDIIN - MIDI Data Input (M) pin 60; (Q) pin 74 This is the serial input pin for the internal MIDI port. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |