Electronic Components Datasheet Search
  English  ▼

X  

CS4610 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 11Page - Cirrus Logic CS4610 Datasheet HTML 12Page - Cirrus Logic CS4610 Datasheet HTML 13Page - Cirrus Logic CS4610 Datasheet HTML 14Page - Cirrus Logic CS4610 Datasheet HTML 15Page - Cirrus Logic CS4610 Datasheet HTML 16Page - Cirrus Logic CS4610 Datasheet HTML 17Page - Cirrus Logic CS4610 Datasheet HTML 18Page - Cirrus Logic CS4610 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
DS241PP5
15
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
Each digital audio channel is internally buffered
through a 16 sample x 20-bit FIFO. The data format
for the serial digital audio ports varies depending
on the configuration. The primary configurations
supported include a CS4610/11 plus CS423x con-
figuration for motherboard audio, a CS4610/11
plus CS423x configuration with full 5.1 channel
output capability, and an AC’97 controller config-
uration (CS4610/11 plus an AC’97 Codec).
CS4610/11 + CS423x Motherboard Audio
Accelerator
A system block diagram for the CS4610/11 plus
CS423x configuration is given in Figure 6. This
configuration utilizes a proprietary bi-directional
digital audio link between the CS4610/11 and the
CS423x. The connection between these devices is
depicted in Figure 9.
In the CS4610/11 plus CS423x configuration, the
CS423x is the serial port timing master. The serial
port runs at a fixed 44.1 kHz sampling rate, and the
2.822 MHz SCLK output from the CS423x is selected
as the CS4610/11 PLL clock generator input.
Note that in this configuration the SDIN signal car-
ries two stereo streams from the CS423x to the
CS4610/11: the CS423x ADC data and the CS423x
output data. The SDOUT signal carries the
CS4610/11 final output to the CS423x DACs.
SDIN and SDOUT transitions occur on rising edg-
es of SCLK (SDIN is sampled on falling edges of
SCLK). The data is transmitted in left-justified for-
mat, MSB first, 16-bit data, with 32 clock cycles
for each phase of the FSYNC signal. FSYNC tran-
sitions occur on rising edges of SCLK, the FSYNC
high phase indicates left channel data on SDIN and
SDOUT while the FSYNC low phase indicates
right channel data. The SDOUT signal carries 16
bits of data followed by 16 bits of zero pad for each
channel (left and right). The SDIN signal carries 16
bits of ADC data followed by 16 bits of playback
data for each channel (left and right). The serial
port clock and data timing relationship for this con-
figuration is indicated in Figure 10. The clock and
data signal functions for this configuration are
summarized in Table 3.
Motherboard Configuration with 5.1 channel
output capability (CS4610 only)
This configuration is the same as the CS4610 plus
CS423x motherboard accelerator configuration
with the addition of two Crystal™ CS4333 Stereo
CS4610/11 PCI
Accelerator
CS423x
ISA Codec
64Fs (2.822 MHz)
44.1 kHz (fixed)
ABITCLK/SCLK
ASYNC/FSYNC
ASDOUT/SDOUT
MIDIIN
ASDIN/SDIN
SCLK
FSYNC
SDIN
MIDOUT
SDOUT
16.9344 MHz
PLL/
Clock Gen
Figure 9. CS4610/11 + CS423x Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com