Electronic Components Datasheet Search
  English  ▼

X  

M-993 Datasheet(PDF) 1 Page - Clare, Inc.

Part # M-993
Description  Region 1 MF Tone Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-993 Datasheet(HTML) 1 Page - Clare, Inc.

  M-993 Datasheet HTML 1Page - Clare, Inc. M-993 Datasheet HTML 2Page - Clare, Inc. M-993 Datasheet HTML 3Page - Clare, Inc. M-993 Datasheet HTML 4Page - Clare, Inc. M-993 Datasheet HTML 5Page - Clare, Inc. M-993 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-M993-R1
M-993
Region 1 MF Tone Generator
1
Block Diagram
Pin Diagram
Ordering Information
Part #
Description
M-993
14-pin plastic DIP
Features
• Generates standard CCITT R1 MF tones
• Digital input control
• Linear (analog) output
• Power output capable of driving standard line
• 14-pin DIP
• Single 5-Volt supply
• Inexpensive 3.58 MHz time base
Applications
• Telephone systems
• Test equipment
Description
The M-993 is a monolithic CMOS integrated circuit
designed to generate multifrequency (MF) tone pairs
for use in trunk signaling. The tones generated con-
form to CCITT R1 signal recommendations and to
AT&T MF standards. The M-993 permits design engi-
neers to implement a highly accurate MF sender with
a minimum of space, power, and added components.
The accuracy of the tone frequencies is assured
through use of an easily obtained 3.58 MHz color burst
crystal or an external 3.58 MHz clock source.


Similar Part No. - M-993

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
M-991-01SM CLARE-M-991-01SM Datasheet
171Kb / 6P
Call Progress Tone Generator
M-991-01SMTR CLARE-M-991-01SMTR Datasheet
171Kb / 6P
Call Progress Tone Generator
M-991-02SM CLARE-M-991-02SM Datasheet
171Kb / 6P
Call Progress Tone Generator
M-991-02SMTR CLARE-M-991-02SMTR Datasheet
171Kb / 6P
Call Progress Tone Generator
More results

Similar Description - M-993

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M761E STMICROELECTRONICS-M761E Datasheet
373Kb / 9P
DUAL TONE MULTIFREQUENCY GENERATOR
Nov-1988
logo
Sames
SA9401 SAMES-SA9401 Datasheet
123Kb / 16P
UNIVERSAL PABX TONE GENERATOR
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
Holtek Semiconductor In...
HT2830 HOLTEK-HT2830 Datasheet
989Kb / 15P
Up/Down Tone Generator
9th July 97
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
Triple Tone Medoly Generator
S2559F ETC1-S2559F Datasheet
394Kb / 9P
DTMF Tone Generator
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
Triple Tone Generator
11th July 97
logo
List of Unclassifed Man...
SD995 ETC1-SD995 Datasheet
1Mb / 5P
DUAL TONE MELODY GENERATOR
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
DUAL-TONE MELODY GENERATOR
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
Micropower Ring Tone Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com