Electronic Components Datasheet Search
  English  ▼

X  

M-993 Datasheet(PDF) 3 Page - Clare, Inc.

Part # M-993
Description  Region 1 MF Tone Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-993 Datasheet(HTML) 3 Page - Clare, Inc.

  M-993 Datasheet HTML 1Page - Clare, Inc. M-993 Datasheet HTML 2Page - Clare, Inc. M-993 Datasheet HTML 3Page - Clare, Inc. M-993 Datasheet HTML 4Page - Clare, Inc. M-993 Datasheet HTML 5Page - Clare, Inc. M-993 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data/Tone Selection
D3
D2
D1
D0 Frequency (Hz)
Use
12
0000
1100
1700
Key Pulse (KP)
0
0
0
1
700
900
Digit 1
0010
700
1100
Digit 2
0011
900
1100
Digit 3
0100
700
1300
Digit 4
0101
900
1300
Digit 5
0110
1100
1300
Digit 6
0111
700
1500
Digit 7
1000
900
1500
Digit 8
1001
1100
1500
Digit 9
1010
1300
1500
Digit 0
1011
1500
1700
ST
1100
900
1700
ST1
1101
1300
1700
ST2
1110
700
1700
ST3
Pin Function
Pin
Function
CE
Latches data and enables output (active low
input).
D0 - D3
Data input pins. (See Data/Tone Selection.)
D4-D5
Leave open.
MUTE
Output indicates that a signal is being
generated at OUTDRIVE.
OUTDRIVE
Linear buffered tone output.
V
DD
Most positive power supply input pin.
V
REF
Internally generated mid-power supply
voltage (output).
V
SS
Most negative power supply input pin.
X
IN
Crystal oscillator or digital clock input.
X
OUT
Crystal oscillator output.
M-993
www.clare.com
3
Rev. 1
A typical control sequence for the M-993 is: (1) set
data lines Selection for data settings for a particular
tone pair output).to desired frequency selection, (2)
wait for data lines to settle, (3) drive the chip enable
(CE) low, (4) maintain CE low for desired tone duration
(Note: data lines may be changed after data hold
time), and (5) return CE to a logic high.
In a bus-oriented system, noise on the data lines may
propagate through the device and appear at the out-
put. To safeguard against this, use an external latch to
clock the data into the device. In addition, it is good
practice to bypass the V
REF pin to ground with a small
capacitor (~0.01mF) to reduce power supply noise.
The designer should be aware of device timing
requirements and design accordingly. Beware of hard-
wiring the data input pins for dedicated tone genera-
tion. An RC network like that shown in Power-On
Reset Circuit should be used to momentarily reset the
device immediately following a power-up to ensure
reliable operation.
Power-On Reset Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com