Electronic Components Datasheet Search
  English  ▼

X  

M-993 Datasheet(PDF) 5 Page - Clare, Inc.

Part # M-993
Description  Region 1 MF Tone Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-993 Datasheet(HTML) 5 Page - Clare, Inc.

  M-993 Datasheet HTML 1Page - Clare, Inc. M-993 Datasheet HTML 2Page - Clare, Inc. M-993 Datasheet HTML 3Page - Clare, Inc. M-993 Datasheet HTML 4Page - Clare, Inc. M-993 Datasheet HTML 5Page - Clare, Inc. M-993 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Tolerances
Inches
Metric (mm)
Min
Max
Min
Max
A
-
.210
-
5.33
A1
.015
-
.38
-
b
.014
.022
.36
.56
b2
.045
.070
1.1
1.8
C
.008
.014
.20
.36
D
.735
.775
18.7
19.7
E
.300
.325
7.6
8.3
E1
.240
.280
6.1
7.1
e
.100 BSC
2.54 BSC
ec
0°
15°
0°
15°
L
.115
.150
2.9
4.1
M-993
www.clare.com
5
Rev. 1
Mechanical Dimensions
Dimensions
mm
(inches)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com