Electronic Components Datasheet Search
  English  ▼

X  

M-993 Datasheet(PDF) 2 Page - Clare, Inc.

Part # M-993
Description  Region 1 MF Tone Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-993 Datasheet(HTML) 2 Page - Clare, Inc.

  M-993 Datasheet HTML 1Page - Clare, Inc. M-993 Datasheet HTML 2Page - Clare, Inc. M-993 Datasheet HTML 3Page - Clare, Inc. M-993 Datasheet HTML 4Page - Clare, Inc. M-993 Datasheet HTML 5Page - Clare, Inc. M-993 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
Parameter
Min
Typ
Max
Units
Notes
Power Supply
V
DD
4.75
-
5.25
V
1
and Reference
Current Drain, IDD
-
2.0/4.0
-
mA
8
V
REF PIN:
Voltage
48% of V
DD
-
52% of V
DD
%-
Internal Resistance from V
REF to VDD, VSS
3.25
-
6.75
k
Ω
-
Oscillator
Frequency Deviation
-0.01
-
+0.01
%
7
External CLock: (X
OUT open)
V
IL
0
-
0.2
V
-
V
IH
V
DD- 0.2
-
V
DD
V-
Duty Cycle
40
-
60
%
-
X
IN, XOUT Loading:
Capacitance
-
-
10
pF
9
Resistance
20
-
-
M
Ω
-
Tone Output
Frequency Deviation
-1.5
-
1.5
%
-
Level
110
-
180
mV
2
Distorting Components
-35
-
-
dB
2, 3
Idle
-
-
-60
dBm
4
OUTDRIVE Envelope Rise Time
-
-
4
ms
5
Control
DX, CE Pins:
V
IL
-
-
0.5
V
6
V
IH
2.5
-
-
V
-
Mute Pins:
VOL (ISINK = -100 µA)
-
-
1.5
V
-
VOH (ISOURCE = 100 µA)
V
DD- 1.5
-
-
V
-
Timing
Data Setup (t
DSRT)
200
-
-
ns
10
Data Hold (t
DH)10
-
-
ns
-
Chip Enable Fall (t
PL)-
-
90
ns
-
Tone On Delay (t
TO)5
-
-
ms
-
Tone Off Delay (t
TD)5
-
-
ms
-
Mute Delay from Outdrive (t
MO)
-
-
200
ns
-
Unless otherwise noted, V
DD - VSS = 5 VDC, Ta - 25° C
Notes:
1. All DC voltages are referenced to V
SS.
2. Vrms per tone, 540W load.
3. Any one frequency relative to the lowest level output tone (f<4000 Hz).
4. 0 dBm = 0.775 Vrms.
5. To 90% maximum amplitude.
www.clare.com
2
M-993
Rev. 1
Absolute Maximum Ratings
Storage Temperature
-55 to 125°C
Operating Ambient Temperature
-25 to 70°C
V
DD
7.0V
Any Input Voltage
V
SS - 0.6 to VDD + 0.6V
Note:
1. Exceeding these ratings may permanently damage the M-993.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.
6. For all supply voltages in the operating range.
7. At XOUT pin as compared to 3.579545 MHz.
8. OUTDRIVE with load >5 KW/OUTDRIVE with 540W load.
9. Crystal oscillator active.
10. Measured 90% to 10%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com