Electronic Components Datasheet Search
  English  ▼

X  

W210 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # W210
Description  Spread Spectrum FTG for VIA K7 Chipset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W210 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button W210 Datasheet HTML 2Page - Cypress Semiconductor W210 Datasheet HTML 3Page - Cypress Semiconductor W210 Datasheet HTML 4Page - Cypress Semiconductor W210 Datasheet HTML 5Page - Cypress Semiconductor W210 Datasheet HTML 6Page - Cypress Semiconductor W210 Datasheet HTML 7Page - Cypress Semiconductor W210 Datasheet HTML 8Page - Cypress Semiconductor W210 Datasheet HTML 9Page - Cypress Semiconductor W210 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
W210
6
Writing Data Bytes
Each bit in the data bytes controls a particular device function
except for the “reserved” bits, which must be written as a logic
0. Bits are written MSB (most significant bit) first, which is bit
7. Table 5 gives the bit formats for registers located in Data
Bytes 0–7.
Table 6 details additional frequency selections that are avail-
able through the serial data interface.
Table 5. Data Bytes 0–7 Serial Configuration Map
Bit(s)
Affected Pin
Control Function
Bit Control
Default
Pin No.
Pin Name
0
1
Data Byte 0
7
--
--
(Reserved)
--
--
0
6
--
--
SEL_2
See Table 6
0
5
--
--
SEL_1
See Table 6
0
4
--
--
SEL_0
See Table 6
0
3
--
--
Hardware/Software Frequency
Select
Hardware
Software
0
2
--
--
SEL_4
See Table 6
1
1
--
--
SEL_3
See Table 6
0
0
--
--
(Reserved)
Normal
Three-stated
0
Data Byte 1
7
--
--
(Reserved)
--
--
0
6
--
--
(Reserved)
--
--
0
5
--
--
(Reserved)
--
--
0
4
--
--
(Reserved)
--
--
0
3
--
--
(Reserved) Write to ‘1’
--
--
1
2
--
--
(Reserved) Write to ‘1’
--
--
1
1
--
--
(Reserved) Write to ‘1’
--
--
1
0
--
(Reserved) Write to ‘1’
--
--
1
Data Byte 2
7
--
--
(Reserved)
--
--
0
6
7
PCI0
Clock Output Disable
Low
Active
1
5
--
--
(Reserved)
--
--
0
4
13
PCI5
Clock Output Disable
Low
Active
1
3
12
PCI4
Clock Output Disable
Low
Active
1
2
11
PCI3
Clock Output Disable
Low
Active
1
1
10
PCI2
Clock Output Disable
Low
Active
1
0
8
PCI1
Clock Output Disable
Low
Active
1
Data Byte 3
7
--
--
(Reserved)
--
--
0
6
--
SEL_48MHz
SEL_48MHz as the output fre-
quency for 24_48MHz
24 MHz
48 MHz
0
5
26
48MHz
Clock Output Disable
Low
Active
1
4
25
24_48MHz
Clock Output Disable
Low
Active
1
3
--
--
(Reserved)
--
--
0
2
21, 20,
18, 17
SDRAM8:11
Clock Output Disable
Low
Active
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com