Electronic Components Datasheet Search
  English  ▼

X  

W210 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # W210
Description  Spread Spectrum FTG for VIA K7 Chipset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W210 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button W210 Datasheet HTML 5Page - Cypress Semiconductor W210 Datasheet HTML 6Page - Cypress Semiconductor W210 Datasheet HTML 7Page - Cypress Semiconductor W210 Datasheet HTML 8Page - Cypress Semiconductor W210 Datasheet HTML 9Page - Cypress Semiconductor W210 Datasheet HTML 10Page - Cypress Semiconductor W210 Datasheet HTML 11Page - Cypress Semiconductor W210 Datasheet HTML 12Page - Cypress Semiconductor W210 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
W210
9
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
TA
Operating Temperature
0 to +70
°C
ESDPROT
Input ESD Protection
2 (min.)
kV
DC Electrical Characteristics: TA = 0°C to +70°C, VDDQ3 = 3.3V±5%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDD
3.3V Supply Current
CPUT0, CPUC0,
CPU_CS =100 MHz
Outputs Loaded[2]
260
mA
IDD
2.5V Supply Current
CPUT0, CPUC0,
CPU_CS =100 MHz
Outputs Loaded[2]
25
mA
Logic Inputs
VIL
Input Low Voltage
GND – 0.3
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
IIL
Input Low Current[3]
–25
µA
IIH
Input High Current[3]
10
µA
Clock Outputs
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
3.1
V
VOL
Output Low Voltage
CPUT_CS,
CPUT0, CPUC0
Termination to V pull-up
(external)
00.3
V
VOH
Output High Voltage
CPUT_CS,
CPUT0, CPUC0
Termination to V pull-up
(external)
1.0
1.2
V
IOL
Output Low Current
PCI0:5
VOL = 1.5V
70
110
135
mA
REF0:1
VOL = 1.5V
50
70
100
mA
48 MHz
VOL = 1.5V
50
70
100
mA
24 MHz
VOL = 1.5V
50
70
100
mA
SDRAM0:12
VOL = 1.5V
70
110
135
mA
IOH
Output High Current
PCI0:5
VOH = 1.5V
70
110
135
mA
REF0:1
VOH = 1.5V
50
70
100
mA
48 MHz
VOH = 1.5V
50
70
100
mA
24 MHz
VOH = 1.5V
50
70
100
mA
SDRAM0:12
VOH = 1.5V
70
110
135
mA
Notes:
2.
All clock outputs loaded with 6" 60
Ω transmission lines with 22-pF capacitors.
3.
W210 logic inputs (except FS3) have internal pull-up devices (pull-ups not full CMOS level). Logic input FS3 has an internal pull-down device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com