Electronic Components Datasheet Search
  English  ▼

X  

DS1004 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1004
Description  5-Tap High Speed Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1004 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1004 Datasheet HTML 1Page - Dallas Semiconductor DS1004 Datasheet HTML 2Page - Dallas Semiconductor DS1004 Datasheet HTML 3Page - Dallas Semiconductor DS1004 Datasheet HTML 4Page - Dallas Semiconductor DS1004 Datasheet HTML 5Page - Dallas Semiconductor DS1004 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
111799
FEATURES
All-silicon timing circuit
Five equally delayed clock phases per input
Precise tap-to-tap delay tolerances of ±0.5,
±0.75, or ±1 ns
Input-to-tap 1 delay of 5 ns
Delay tolerances of ±1.5 ns over temperature
and voltage
Leading and trailing edge precision preserves
the input symmetry
CMOS design with TTL compatibility
Standard 8-pin DIP and 150 mil 8-pin SOIC
Vapor phase, IR and wave solderable
Available in Tape and Reel
PIN ASSIGNMENT
PIN DESCRIPTION
TAP 1-5
- TAP Output Number
VCC
- +5 Volt Supply
GND
- Ground
IN
- Input
DESCRIPTION
The DS1004 is a 5-tap all silicon delay line which can provide 2, 3, 4, or 5 ns tap-to-tap delays within a
standard part family. The device is Dallas Semiconductor’s fastest 5-tap delay line. It is available in a
standard 8-pin DIP and 150 mil 8-pin mini-SOIC. The device features precise leading and trailing edge
accuracies and has the inherent reliability of an all-silicon delay line solution.
The DS1004 is specified for tap-to-tap tolerances as shown in Table 1. Each device has a minimum input-
to-tap 1 delay of 5 ns. Subsequent taps (taps 2 through 5) are precisely delayed by 2, 3, 4, or 5 ns. See
Table 1 for details. Tolerance over temperature and voltage is
±1.5 ns. Nominal tap-to-tap tolerances
range from
±0.5 ns to ±1.0 ns. Each output is capable of driving up to 10 LS loads.
For customers needing non-standard delay values, the Late Package Program (LPP) is available.
Customers may contact Dallas Semiconductor at (972) 371–4348 for further details.
DS1004
5-Tap High Speed
Silicon Delay Line
www.dalsemi.com
IN
TAP 2
TAP 4
GND
VCC
TAP 1
TAP 3
TAP 5
1
2
3
4
6
5
8
7
DS1004M 8-Pin DIP (300-mil)
See Mech. Drawings Section
IN
TAP 2
TAP 4
GND
VCC
TAP 1
TAP 3
TAP 5
1
2
3
4
6
5
8
7
DS1004Z 8-Pin SOIC (150-mil)
See Mech. Drawings Section


Similar Part No. - DS1004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
DS1004M-2 MAXIM-DS1004M-2 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
DS1004M-3 MAXIM-DS1004M-3 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
DS1004M-4 MAXIM-DS1004M-4 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
DS1004M-5 MAXIM-DS1004M-5 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
More results

Similar Description - DS1004

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
5-Tap Silicon Delay Line
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
10-Tap Silicon Delay Line
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
5-TAP DIP DELAY LINE
logo
Data Delay Devices, Inc...
1518-5-10T1 DATADELAY-1518-5-10T1 Datasheet
27Kb / 2P
5-TAP SMD DELAY LINE
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
5-Tap High Speed Silicon Delay Line
092500
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com