Electronic Components Datasheet Search
  English  ▼

X  

DS1004 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1004
Description  5-Tap High Speed Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1004 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1004 Datasheet HTML 1Page - Dallas Semiconductor DS1004 Datasheet HTML 2Page - Dallas Semiconductor DS1004 Datasheet HTML 3Page - Dallas Semiconductor DS1004 Datasheet HTML 4Page - Dallas Semiconductor DS1004 Datasheet HTML 5Page - Dallas Semiconductor DS1004 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS1004
5 of 6
NOTES:
1. All voltages are referenced to ground.
2. VCC=5 volts and 25
°C. Delay accuracy on both the rising and falling edges within tolerances given in
Table 1.
3. Pulse width and duty cycle specifications may be exceeded, however, accuracy will be application
sensitive with respect to decoupling, layout, etc.
TEST CONDITIONS
INPUT:
Ambient Temperature:
25
°C ±=3°C
Supply Voltage (VCC):
5.0V
±=0.1V
Input Pulse:
High = 3.0V
±=0.1V
Low = 0.0V
±=0.1V
Source Impedance:
50 ohm max.
Rise and Fall Time:
3.0 ns max. (measured between 0.6V and 2.4V)
Pulse Width:
500 ns
Pulse Period:
1
µs
Output Load
Capacitance:
15 pF
OUTPUT:
Each output is loaded with the equivalent of one 74F04 input gate. Data is measured at the 1.5V level on
the rising and falling edge.
NOTE:
Above conditions are for test only and do not restrict the devices under other data sheet conditions.
TIMING DIAGRAM: DS1004 INPUT TO OUTPUTS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com