Electronic Components Datasheet Search
  English  ▼

X  

DS1040 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1040
Description  Programmable One-Shot Pulse Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1040 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1040 Datasheet HTML 1Page - Dallas Semiconductor DS1040 Datasheet HTML 2Page - Dallas Semiconductor DS1040 Datasheet HTML 3Page - Dallas Semiconductor DS1040 Datasheet HTML 4Page - Dallas Semiconductor DS1040 Datasheet HTML 5Page - Dallas Semiconductor DS1040 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
111799
FEATURES
All-silicon pulse width generator
Five programmable widths
Equal and unequal increments available
Pulse widths from 5 ns to 500 ns
Widths are stable and precise
Rising edge-triggered
Inverted and non-inverted outputs
Width tolerance
±5% or ±2 ns, whichever is
greater
Economical
Auto-insertable, low profile
Low-power CMOS
TTL/CMOS-compatible
Vapor phase, IR and wave solderable
Custom widths available
Fast turn prototypes
Extended temperature range available
PIN ASSIGNMENT
PIN DESCRIPTION
IN
– Trigger Input
P0-P2
– Programming Pins
GND
– Ground
OUT
– Pulse Output
OUT
– Inverted Pulse Output
VCC
– +5V
DESCRIPTION
The DS1040 Pulse Generator is a user-programmable one-shot with a choice of five precise pulse widths.
Maximum widths range from 50 ns to 500 ns; increments range from 2.5 ns to 100 ns. For maximum
flexibility in applications such as magneto-optical read/write disk laser power control, varieties are
offered with equal and unequal increments. The DS1040 is offered in standard 8-pin DIPs and 8-pin
mini-SOICs. Low cost and superior reliability over hybrid technology are achieved by the combination
of a 100% CMOS silicon design and industry standard packaging. The DS1040 series of pulse generators
provide a nominal width accuracy of
±5% or ±2 ns, whichever is greater. In response to the rising edge
of the input (trigger) pulse, the DS1040 produces an output pulse with a width determined by the logic
states of the three parallel programming pins. For convenience, both inverting and non-inverting outputs
are supplied. The intrinsic delay between the trigger pulse and the output pulse is no more than 10 ns.
Each output is capable of driving up to five 74LS loads.
Dallas Semiconductor can customize standard products to meet special needs. For special request and
rapid delivery, call (972) 371–4348.
DS1040
Programmable One-Shot
Pulse Generator
www.dalsemi.com
DS1040Z 8-Pin SOIC (150-mil)
See Mech. Drawings Section
IN
OUT
OUT
GND
VCC
P2
P0
P1
1
2
3
4
8
7
6
5
DS1040M 8-Pin DIP (300-mil)
See Mech. Drawings Section
VCC
P2
P0
P1
IN
OUT
OUT
GND
1
2
3
4
8
7
6
5


Similar Part No. - DS1040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
DS1040-100 MAXIM-DS1040-100 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
DS1040-150 MAXIM-DS1040-150 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
DS1040-200 MAXIM-DS1040-200 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
DS1040-250 MAXIM-DS1040-250 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
More results

Similar Description - DS1040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9601 NSC-9601 Datasheet
147Kb / 6P
Retriggerable One Shot
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
logo
IC-Haus GmbH
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
PROGRAMMABLE ns-PULSE GENERATOR
logo
M-System Co.,Ltd.
R3-PD16C MSYSTEM-R3-PD16C Datasheet
198Kb / 7P
Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
R3-PD16B MSYSTEM-R3-PD16B Datasheet
199Kb / 8P
Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
R3-PD16A MSYSTEM-R3-PD16A Datasheet
196Kb / 7P
Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
logo
MOSDESIGN SEMICONDUCTOR...
M1200A MOSDESIGN-M1200A Datasheet
145Kb / 2P
ON/OFF ONE SHOT
2012-01-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com