Electronic Components Datasheet Search
  English  ▼

X  

DS1040 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1040
Description  Programmable One-Shot Pulse Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1040 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1040 Datasheet HTML 1Page - Dallas Semiconductor DS1040 Datasheet HTML 2Page - Dallas Semiconductor DS1040 Datasheet HTML 3Page - Dallas Semiconductor DS1040 Datasheet HTML 4Page - Dallas Semiconductor DS1040 Datasheet HTML 5Page - Dallas Semiconductor DS1040 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1040
4 of 6
NOTES:
1. All voltages are referenced to ground.
2. Measured with outputs open, minimum period.
3. VCC = 5V @ 25
°C. Width accurate to within ±2 ns or 5%.
4. Temperature variations between 0
°C and 70°C may increase or decrease width by an additional ±1 ns
or
±3%, whichever is greater.
5. For DS1040 pulse generators with maximum widths less than 50 ns, temperature variations between
0
°C and 70°C may increase or decrease width by ±1 ns or ±9%, whichever is greater.
6. ICC is a function of frequency and maximum width. Only a pulse generator operating with 40 ns
period and VCC =5.25V will have an ICC =75 mA. For example, a -100 will never exceed 30 mA, etc.
7. See “Test Conditions” sections at the end of this data sheet.
TIMING DIAGRAM Figure 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com