Electronic Components Datasheet Search
  English  ▼

X  

DS1040 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1040
Description  Programmable One-Shot Pulse Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1040 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1040 Datasheet HTML 1Page - Dallas Semiconductor DS1040 Datasheet HTML 2Page - Dallas Semiconductor DS1040 Datasheet HTML 3Page - Dallas Semiconductor DS1040 Datasheet HTML 4Page - Dallas Semiconductor DS1040 Datasheet HTML 5Page - Dallas Semiconductor DS1040 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS1040
3 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5.0V
± 5%)
PARAMETER
SYMBOL
TEST
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.00
5.25
V
1
High Level Input
Voltage
VIH
2.2
VCC
+ 0.5
V1
Low Level Input
Voltage
VIL
-0.5
0.8
V
1
Input Leakage
Current
II
0.0 ≤ VI ≤VCC
-1.0
1.0
mA
Active Current
ICC
VCC = Max;
Period = Min
35
75
mA
2, 6
High Level Output
Current
IOH
VCC = Min
VOH = 4
-1
mA
Low Level Output
Current
IOL
VCC = Min
VOL = 0.5
8mA
AC ELECTRICAL CHARACTERISTICS
(TA = 25°C; VCC = 5.0V
± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Programming Setup
tPS
5ns
Programming Hold
tPH
0ns
Input Pulse Width at Logic 1
tWIH
5ns
Input Pulse Width at Logic 0
tWIL
5ns
Intrinsic Delay
tD
0
5
10
ns
Output Pulse Width
tWO
Table 1
ns
3, 4, 5, 7
Power-up Time
tPU
100
ms
Period
Period
tWO + 50
ns
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com