Electronic Components Datasheet Search
  English  ▼

X  

DS1077 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1077
Description  EconOscillator/Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1077 Datasheet HTML 2Page - Dallas Semiconductor DS1077 Datasheet HTML 3Page - Dallas Semiconductor DS1077 Datasheet HTML 4Page - Dallas Semiconductor DS1077 Datasheet HTML 5Page - Dallas Semiconductor DS1077 Datasheet HTML 6Page - Dallas Semiconductor DS1077 Datasheet HTML 7Page - Dallas Semiconductor DS1077 Datasheet HTML 8Page - Dallas Semiconductor DS1077 Datasheet HTML 9Page - Dallas Semiconductor DS1077 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DS1077
6 of 21
EN0 (bit)
(Default EN0 = 1)
1) If EN0 = 1 and PDN0 = 0 the CTRL0 pin functions as an Output Enable for OUT0, the frequency of
the output being determined by the SEL0 bit.
2) If PDN0 = 1, the EN0 bit is ignored, CTRL0 will function as a power-down, and output OUT0 will
always be enabled on power-up, its frequency being determined by the SEL0 bit.
3) If EN0 = 0 the function of CTRL0 is determined by the SEL0 and PDN0 bits (see Table 1).
SEL0
(Default SEL0 = 1)
1) If SEL0 = 1 and EN0 = PDN0 = 0, the CTRL0 pin determines the state of the MUX (i.e., the output
frequency of OUT0).
2) If CTRL0 = 0 the output will be the Master clock frequency.
3) If CTRL0 = 1 the output will be the output frequency of the M prescaler.
4) If either EN0 or PDN0 = 1 then SEL0 determines the frequency of OUT0 when it is enabled.
5) If SEL0 = 0 the output will be the Master clock frequency.
6) If SEL0 = 1 the output will be the output frequency of the M prescaler (see Table 1).
PDN0
(Default PDN0 = 0)
1) This bit (if set to 1) causes CTRL0 to perform a power-down function, regardless of the setting of the
other bits.
2) If PDN0 = 0 the function of CTRL0 is determined by the values of EN0 and SEL0.
NOTE:
When EN0 = SEL0 = PDN0 = 0, CTRL0 also functions as a power-down. This is a special case where all
the OUT0 circuitry is disabled even when the device is powered up for power to saving when OUT0 is
not used (see Table 1).
PDN1
(Default PDN1 = 0)
1) If PDN1 = 1, CTRL1 will function as a power-down.
2) If PDN1 = 0, CTRL1 functions as an output enable for OUT1 only (see Table 2.)
NOTE (ON OUTPUT ENABLE AND POWER-DOWN):
1) Both enables are “smart” and wait for the output to be low before going to Hi-Z.
2) Power-down sequence first disables both outputs before powering down the device.
3) On power-up the outputs are disabled until the clock has stabilized (~8000 cycles).
4) In power-down mode, the device cannot be programmed.
5) A power-down command must persist for at least two cycles of the lowest output frequency plus 10
ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com