Electronic Components Datasheet Search
  English  ▼

X  

DS1077 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1077
Description  EconOscillator/Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1077 Datasheet HTML 6Page - Dallas Semiconductor DS1077 Datasheet HTML 7Page - Dallas Semiconductor DS1077 Datasheet HTML 8Page - Dallas Semiconductor DS1077 Datasheet HTML 9Page - Dallas Semiconductor DS1077 Datasheet HTML 10Page - Dallas Semiconductor DS1077 Datasheet HTML 11Page - Dallas Semiconductor DS1077 Datasheet HTML 12Page - Dallas Semiconductor DS1077 Datasheet HTML 13Page - Dallas Semiconductor DS1077 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DS1077
10 of 21
SLAVE ADDRESS
A control byte is the first byte received following the START condition from the master device. The
control byte consists of a 4-bit control code; for the DS1077, this is set as 1011 binary for read and write
operations. The next three bits of the control byte are the device select bits (A2, A1, A0) and can be
written to the EEPROM. They are used by the master device to select which of eight devices are to be
accessed. The select bits are in effect the three least significant bits of the slave address. The last bit of the
control byte (R/ W ) defines the operation to be performed. When set to a one a read operation is selected,
and when set to a zero, a write operation is selected. Following the START condition, the DS1077
monitors the SDA bus, checking the device type identifier being transmitted. Upon receiving the 1011
code (changeable with one mask) and appropriate device select bits, the slave device outputs an
acknowledge signal on the SDA line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com