Electronic Components Datasheet Search
  English  ▼

X  

DS1077 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1077
Description  EconOscillator/Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1077 Datasheet HTML 3Page - Dallas Semiconductor DS1077 Datasheet HTML 4Page - Dallas Semiconductor DS1077 Datasheet HTML 5Page - Dallas Semiconductor DS1077 Datasheet HTML 6Page - Dallas Semiconductor DS1077 Datasheet HTML 7Page - Dallas Semiconductor DS1077 Datasheet HTML 8Page - Dallas Semiconductor DS1077 Datasheet HTML 9Page - Dallas Semiconductor DS1077 Datasheet HTML 10Page - Dallas Semiconductor DS1077 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DS1077
7 of 21
DIV WORD
MSB
LSB MSB
LSB
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
XXXXXX
first data byte
second data byte
N
These ten bits determine the value of the programmable divider (N). The range of divisor values is from 2
to 1025, and is equal to the programmed value of N plus 2 (see Table 5).
PROGRAMMABLE DIVISOR N VALUES Table 5
BIT VALUE
DIVISOR (N)
0 000 000 000**
2
0 000 000 001
3
--
--
--
--
1 111 111 111
1025
**Default Condition
BUS WORD
Name
----
WC
A2
A1
A0
Factory Default
0*0*0*0*
0
0
0
0
*These bits are reserved and must be set to zero.
A0, A1, A2
(Default Setting = 000)
These are the device select bits that determine the address of the device.
WC
(Default Setting WC = 0)
This bit determines when/if the EEPROM is written to after register contents have been changed.
If WC = 0 the EEPROM is written automatically after a write register command.
If WC = 1 the EEPROM is only written when the “WRITE ” command is issued.
Regardless of the value of the WC bit, the value of the BUS Register (A0, A1, A2) is always written
immediately to the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com