Electronic Components Datasheet Search
  English  ▼

X  

DS1077 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS1077
Description  EconOscillator/Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS1077 Datasheet HTML 13Page - Dallas Semiconductor DS1077 Datasheet HTML 14Page - Dallas Semiconductor DS1077 Datasheet HTML 15Page - Dallas Semiconductor DS1077 Datasheet HTML 16Page - Dallas Semiconductor DS1077 Datasheet HTML 17Page - Dallas Semiconductor DS1077 Datasheet HTML 18Page - Dallas Semiconductor DS1077 Datasheet HTML 19Page - Dallas Semiconductor DS1077 Datasheet HTML 20Page - Dallas Semiconductor DS1077 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DS1077
17 of 21
8) A fast mode device can be used in a standard mode system, but the requirement t
SU
:DAT>250ns must then
be met. This will automatically be the case if the device does not stretch the LOW period of the SCL
signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to
the SDA line t
R MAX + tSU
:DAT = 1000ns + 250ns = 1250ns before the SCL line is released.
9) C
B is the total capacitance of one bus line in pF.
10) OUT0 and OUT1 are operating at oscillator master frequency without divider.
11) Typical frequency shift due to aging is ±0.5%. Aging stressing includes Level 3 preconditioning with
1000 temperature cycles of -55°C to +125°C, 336hr max VCC biased +125°C bake. Level 3
preconditioning consists of a 24hr +125°C storage bake, 192hr moisture soak at +30°C/60% R.H., and
three solder reflow passes.
TIMING DIAGRAM
SU:STO
t
t SP
HD:STA
t
t SU:STA
SU:DAT
t
tHIGH
R
t
t
LOW
tHD:STA
SCL
START
SDA
STOP
tBUF
tF
REPEATED
START
tHD:DAT
ORDERING INFORMATION
Example:
DS1077Z-100
DS1077
Z =
SO
U =
µSOP
133 = 133.333MHz
125 = 125.000MHz
120 = 120.000MHz
100 = 100.000MHz
66 =
66.666MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com