Electronic Components Datasheet Search
  English  ▼

X  

DS1337 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1337
Description  Serial Real-Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1337 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1337 Datasheet HTML 5Page - Dallas Semiconductor DS1337 Datasheet HTML 6Page - Dallas Semiconductor DS1337 Datasheet HTML 7Page - Dallas Semiconductor DS1337 Datasheet HTML 8Page - Dallas Semiconductor DS1337 Datasheet HTML 9Page - Dallas Semiconductor DS1337 Datasheet HTML 10Page - Dallas Semiconductor DS1337 Datasheet HTML 11Page - Dallas Semiconductor DS1337 Datasheet HTML 12Page - Dallas Semiconductor DS1337 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS1337
9 of 13
Table 2. Alarm Mask Bits
ALARM 1 REGISTER MASK BITS
(BIT 7)
DY/DT
A1M4
A1M3
A1M2
A1M1
ALARM RATE
X
1
1
1
1
Alarm once per second
X
1
1
1
0
Alarm when seconds match
X
1
1
0
0
Alarm when minutes and seconds match
X
1
0
0
0
Alarm when hours, minutes, and seconds match
0
0
0
0
0
Alarm when date, hours, minutes, and seconds
match
1
0
0
0
0
Alarm when day, hours, minutes, and seconds match
ALARM 2 REGISTER MASK BITS
(BIT 7)
DY/DT
A2M4
A2M3
A2M2
ALARM RATE
X
1
1
1
Alarm once per minute (00 seconds of every minute)
X
1
1
0
Alarm when minutes match
X
1
0
0
Alarm when hours and minutes match
0
0
0
0
Alarm when date, hours, and minutes match
1
0
0
0
Alarm when day, hours, and minutes match
SPECIAL PURPOSE REGISTERS
The DS1337 has two additional registers (control and status) that control the RTC, alarms, and square-
wave output.
Control Register (0Eh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EOSC
0
0
RS2
RS1
INTCN
A2IE
A1IE
EOSC, Enable Oscillator. This bit when set to logic 0 starts the oscillator. When this bit is set to logic 1, the
oscillator is stopped. This bit is enabled (logic 0) when power is first applied.
RS2 and RS1, Rate Select. These bits control the frequency of the square-wave output when the square wave has
been enabled. Table 3 shows the square-wave frequencies that can be selected with the RS bits. These bits are both
set to logic 1 (32kHz) when power is first applied.
Table 3. Square-Wave Output Frequency
RS2
RS1
SQUARE-WAVE OUTPUT
FREQUENCY
0
0
1Hz
0
1
4.096kHz
1
0
8.192kHz
1
1
32.768kHz
INTCN, Interrupt Control. This bit controls the relationship between the two alarms and the interrupt output
pins. When the INTCN bit is set to logic 1, a match between the timekeeping registers and the alarm 1 registers l
activates the
INTA pin (provided that the alarm is enabled) and a match between the timekeeping registers and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com