Electronic Components Datasheet Search
  English  ▼

X  

DS1337 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1337
Description  Serial Real-Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1337 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1337 Datasheet HTML 1Page - Dallas Semiconductor DS1337 Datasheet HTML 2Page - Dallas Semiconductor DS1337 Datasheet HTML 3Page - Dallas Semiconductor DS1337 Datasheet HTML 4Page - Dallas Semiconductor DS1337 Datasheet HTML 5Page - Dallas Semiconductor DS1337 Datasheet HTML 6Page - Dallas Semiconductor DS1337 Datasheet HTML 7Page - Dallas Semiconductor DS1337 Datasheet HTML 8Page - Dallas Semiconductor DS1337 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1337
2 of 13
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature Range
See IPC/JEDEC J-STD-020A Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
1.8
4.0
V
Oscillator Voltage
VOSC
1.3
4.0
V
SCL, SDA
0.7 VCC
VCC + 0.3
Logic 1
VIH
INTA, SQW/INTB
5.5
V
Logic 0
VIL
-0.3
0.3 VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 1.8V to 4.0V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
(Note 1)
1
mA
I/O Leakage
ILO
(Note 2)
1
mA
Logic 0 Output (VOL = 0.4V)
IOL
(Note 2)
3
mA
Active Supply Current
ICCA
(Note 3)
150
mA
Standby Current
ICCS
(Notes 4, 5)
2
mA
DC ELECTRICAL CHARACTERISTICS
(VCC = 1.3V to 1.8V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Timekeeping Current
(Oscillator Enabled)
IOSC
(Notes 4, 6, 7)
600
nA
Data Retention Current
(Oscillator Disabled)
IDDR
(Note 4)
50
nA
CRYSTAL SPECIFICATIONS*
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
FO
32.768
kHz
Series Resistance
ESR
45
kΩ
Load Capacitance
CL
6
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to Application Note 58: Crystal Considerations
for Dallas Real-Time Clocks for additional specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com