Electronic Components Datasheet Search
  English  ▼

X  

DS1337 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1337
Description  Serial Real-Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1337 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1337 Datasheet HTML 1Page - Dallas Semiconductor DS1337 Datasheet HTML 2Page - Dallas Semiconductor DS1337 Datasheet HTML 3Page - Dallas Semiconductor DS1337 Datasheet HTML 4Page - Dallas Semiconductor DS1337 Datasheet HTML 5Page - Dallas Semiconductor DS1337 Datasheet HTML 6Page - Dallas Semiconductor DS1337 Datasheet HTML 7Page - Dallas Semiconductor DS1337 Datasheet HTML 8Page - Dallas Semiconductor DS1337 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS1337
5 of 13
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1
X1
2
X2
These signals are connections for a standard 32.768kHz quartz crystal. The internal
oscillator circuitry is designed for operation with a crystal having a specified load
capacitance (CL) of 6pF. For more information about crystal selection and crystal layout
considerations, refer to Application Note 58: Crystal Considerations with Dallas Real-
Time Clocks. An external 32.768kHz oscillator can also drive the DS1337. In this
configuration, the X1 pin is connected to the external oscillator signal and the X2 pin is
floated.
3
INTA
Interrupt Output. When enabled,
INTA is asserted low when the time/day/date matches
the values set in the alarm registers. This pin is an open-drain output and requires an
external pullup resistor.
4
GND
DC power is provided to the device on these pins.
5
SDA
Serial Data Input/Output. SDA is the input/output pin for the 2-wire serial interface. The
SDA pin is open-drain output and requires an external pullup resistor.
6
SCL
Serial Clock Input. SCL is used to synchronize data movement on the serial interface.
7
SQW/
INTB
Square-Wave/Interrupt Output. Programmable square-wave or interrupt output signal. It
is an open-drain output and requires an external pullup resistor.
8
VCC
DC power is provided to the device on these pins.
Figure 1. Recommended Layout for Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com