Electronic Components Datasheet Search
  English  ▼

X  

DS1337 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1337
Description  Serial Real-Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1337 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1337 Datasheet HTML 1Page - Dallas Semiconductor DS1337 Datasheet HTML 2Page - Dallas Semiconductor DS1337 Datasheet HTML 3Page - Dallas Semiconductor DS1337 Datasheet HTML 4Page - Dallas Semiconductor DS1337 Datasheet HTML 5Page - Dallas Semiconductor DS1337 Datasheet HTML 6Page - Dallas Semiconductor DS1337 Datasheet HTML 7Page - Dallas Semiconductor DS1337 Datasheet HTML 8Page - Dallas Semiconductor DS1337 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS1337
3 of 13
AC ELECTRICAL CHARACTERISTICS
(VCC = 1.8V to 4.0V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fast mode
100
400
SCL Clock Frequency
fSCL
Standard mode
100
kHz
Fast mode
1.3
Bus Free Time Between a
STOP and START Condition
tBUF
Standard mode
4.7
ms
Fast mode
0.6
Hold Time (Repeated)
START Condition (Note 8)
tHD:STA
Standard mode
4.0
ms
Fast mode
1.3
LOW Period of SCL Clock
tLOW
Standard mode
4.7
ms
Fast mode
0.6
HIGH Period of SCL Clock
tHIGH
Standard mode
4.0
ms
Fast mode
0.6
Setup Time for a Repeated
START Condition
tSU:STA
Standard mode
4.7
ms
Fast mode
0
0.9
Data Hold Time (Notes 9, 10)
tHD:DAT
Standard mode
0
ms
Fast mode
100
Data Setup Time (Note 11)
tSU:DAT
Standard mode
250
ns
Fast mode
20 + 0.1CB
300
Rise Time of Both SDA and
SCL Signals (Note 12)
tR
Standard mode
1000
ns
Fast mode
20 + 0.1CB
300
Fall Time of Both SDA and
SCL Signals (Note 12)
tF
Standard mode
300
ns
Fast mode
0.6
Setup Time for STOP
Condition
tSU:STO
Standard mode
4.0
ms
Capacitive Load for Each Bus
Line
CB
(Note 12)
400
pF
I/O Capacitance
CI/O
10
pF
Note 1: SCL only.
Note 2: SDA,
INTA, and SQW/INTB.
Note 3: ICCA—SCL clocking at max frequency = 400kHz, VIL = 0.0V, VIH = VCC.
Note 4: Specified with 2-wire bus inactive, VIL = 0.0V, VIH = VCC.
Note 5: SQW enabled.
Note 6: Specified with the SQW function disabled by setting INTCN = 1.
Note 7: Using recommended crystal on X1 and X2.
Note 8: After this period, the first clock pulse is generated.
Note 9: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the SCL signal) in order to
bridge the undefined region of the falling edge of SCL.
Note 10: The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 11: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT
³ to 250ns must then be met. This is
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW
period of the SCL signal, it must output the next data bit to the SDA line tR max + tSU:DAT = 1000 + 250 = 1250ns before the SCL line is
released.
Note 12: CB—total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com