Electronic Components Datasheet Search
  English  ▼

X  

DS1615 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1615
Description  Temperature Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1615 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1615 Datasheet HTML 1Page - Dallas Semiconductor DS1615 Datasheet HTML 2Page - Dallas Semiconductor DS1615 Datasheet HTML 3Page - Dallas Semiconductor DS1615 Datasheet HTML 4Page - Dallas Semiconductor DS1615 Datasheet HTML 5Page - Dallas Semiconductor DS1615 Datasheet HTML 6Page - Dallas Semiconductor DS1615 Datasheet HTML 7Page - Dallas Semiconductor DS1615 Datasheet HTML 8Page - Dallas Semiconductor DS1615 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DS1615
2 of 24
ORDERING INFORMATION
DS1615 16-Pin DIP
DS1615S 16-Pin SOIC
DS1615S 16
-Pin SOIC
DS1615X Flip Chip Package
**For more information of Flip Chip Packaging, go to www.dalsemi.com to the Released Data Sheets
section and select Chip Scale and Flip Chip Package Data Index.
DESCRIPTION
The DS1615 is an integrated temperature recorder that combines a real time clock with temperature data
logging and histogram capabilities.
It has been designed for applications that require temperature
profiling over a given period of time. A programmable sampling rate feature makes the device ideal for
applications requiring temperature monitoring over short or long time frames. The integrated Real Time
Clock (RTC) provides seconds, minutes, hours, day, date, month, and year information with leap year
compensation and also provides an alarm interrupt. Temperature measurement is provided via integrated
thermal technology which can measure temperatures from -40
°C to +85°C in 0.5°C increments.
The DS1615 is a powerful data recording device, providing both a datalog of sampled temperature values
over time and a histogram of temperature. The datalog function simply samples the temperature at a user
defined sample rate and writes the data to the Temperature Datalog memory. Up to 2048 datalog samples
may be recorded.
Histogram functionality is implemented by sampling the temperature and then
incrementing the count value in a data bin associated with that temperature. The DS1615 provides
63, 2-byte data bins in 2
°C increments. The user can program data sampling for both data logging and for
histogram tabulation at intervals ranging from once per minute to once every 255 minutes.
The DS1615 also supports programmable high and low temperature alarm trip points that allow the
device to monitor whether the temperature stays within desired limits. The device can drive an interrupt
or status pin if the temperature falls outside of the programmable limits.
The DS1615 can be
programmed to begin sampling data via a pushbutton input or via a command sent over the serial
interface with a host machine.
The DS1615 also provides a 64-bit serial number which is useful for product identification and tracking.
OVERVIEW
The block diagram in Figure 1 shows the relationship between the major control and memory sections of
the DS1615. The device has five major data components: 1) Real Time Clock and control block, 2)
32-byte User NV RAM with 64-bit lasered serial number, 3) 96 bytes of Alarm event/duration memory,
4) 128 bytes of histogram RAM, and 5) 2048 bytes of datalog memory. All memory is arranged in a
single linear address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com