Electronic Components Datasheet Search
  English  ▼

X  

DS1615 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1615
Description  Temperature Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1615 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1615 Datasheet HTML 16Page - Dallas Semiconductor DS1615 Datasheet HTML 17Page - Dallas Semiconductor DS1615 Datasheet HTML 18Page - Dallas Semiconductor DS1615 Datasheet HTML 19Page - Dallas Semiconductor DS1615 Datasheet HTML 20Page - Dallas Semiconductor DS1615 Datasheet HTML 21Page - Dallas Semiconductor DS1615 Datasheet HTML 22Page - Dallas Semiconductor DS1615 Datasheet HTML 23Page - Dallas Semiconductor DS1615 Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DS1615
21 of 24
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
See J-STD-020A specification
• This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
• The Dallas Semiconductor DS1615X is built to the highest quality standards and manufactured for long
term reliability. All Dallas Semiconductor devices are made using the same quality materials and
manufacturing methods. However, the DS1615X is not exposed to environmental stresses, such as
burn-in, that some industrial applications require. For specific reliability information on this product,
please contact the factory in Dallas at (972) 371-4448.
RECOMMENDED DC OPERATING CONDITIONS
(-40°C to 85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.0
5.0
5.5
V
1
Input Logic 1
VIH
2.2
VCC +0.3
V
1
Input Logic 0
VIL
-0.3
+0.8
V
1
Battery Voltage
VBAT
2.7
90%VCC
V1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to 85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
-1
+1
µA
8
Logic 1 Output
VOH
2.4
V
Logic 0 Output
VOL
0.4
V
TX and I/O Pins Output
Current @ 2.0V
IOH
-2.2
mA
TX, I/O, and INT Pins Output
Current @ 0.8V
IOL
4mA
INSPEC
and OUTSPEC Output
Current @ 0.8V
IOL
10
mA
Active Supply Current
ICCA
210
mA
Temperature Conversion
Current
ITC
600
µA
Oscillator Current
IOSC
300
500
nA
Battery Standby Current
(Oscillator Off)
IBAT
200
nA
DS1615 Thermometer Error
TERR
±2.0
°C
6
CAPACITANCE
(TA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
10
pF
Crystal Capacitance
CX
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com