Electronic Components Datasheet Search
  English  ▼

X  

DS1615 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS1615
Description  Temperature Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1615 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS1615 Datasheet HTML 16Page - Dallas Semiconductor DS1615 Datasheet HTML 17Page - Dallas Semiconductor DS1615 Datasheet HTML 18Page - Dallas Semiconductor DS1615 Datasheet HTML 19Page - Dallas Semiconductor DS1615 Datasheet HTML 20Page - Dallas Semiconductor DS1615 Datasheet HTML 21Page - Dallas Semiconductor DS1615 Datasheet HTML 22Page - Dallas Semiconductor DS1615 Datasheet HTML 23Page - Dallas Semiconductor DS1615 Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
DS1615
22 of 24
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=5.0V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Vcc rise/fall time
tR/tF
Delay from ST to INSPEC or
OUTSPEC
Active
tSS
560
ms
Delay from Specification to
INSPEC
or OUTSPEC Active
tCS
560
ms
Temperature Conversion Time
tCONV
150
200
ms
INSPEC
and OUTSPEC Active
Low Pulse Width
tSL
62.5
ms
INSPEC
and OUTSPEC High
Duration
tSH
437.5
ms
ASYNCHRONOUS INTERFACE TIMING
(-40
°C to +85°C; V
CC=5.0V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Date Rate
f BIT
9,408
9,600
9,792
bits/sec
2
Turnaround Time
tTURN
2/fBIT
s
SYNCHRONOUS (3-WIRE) SERIAL
INTERFACE TIMING
(-40
°C to 85°C; V
CC=5.0V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data to SCLK Setup
tDC
50
ns
3
SCLK to Data Hold
tCDH
70
ns
3
SCLK to Data Delay
tCDD
200
ns
3,4, 5
SCLK Low Time
tCL
250
ns
3
SCLK High Time
tCH
250
ns
3
SCLK Frequency
tCLK
DC
MHz
3
SCLK Rise and Fall
tR , tF
2.0
ns
RST
to SCLK Setup
tCC
1
500
µs
3
SCLK to RST Hold
tCCH
60
ns
3
RST
Inactive Time
tCWH
1
µs
3
RST
to I/O High Z
tCDZ
70
ns
3, 7
SCLK to I/O High Z
tCCZ
70
sn
3, 7
NOTES:
1. All voltages are referenced to ground,
2. The data rate fBIT is equal to 1/tBIT
3. Measured with VIH= 3.0V or VIL= 0.0V and 10 ns maximum rise and fall time.
4. Measured at VOH=2.4V or VOL=0.4V.
5. Load Capacitance = 50 pF.
6. Thermometer error reflects temperature error as tested during calibration.
7. Sampled with 5 pF load. Not 100% tested.
8. Comsel pin leakage
3=200 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com