Electronic Components Datasheet Search
  English  ▼

X  

DS1615 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1615
Description  Temperature Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1615 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1615 Datasheet HTML 1Page - Dallas Semiconductor DS1615 Datasheet HTML 2Page - Dallas Semiconductor DS1615 Datasheet HTML 3Page - Dallas Semiconductor DS1615 Datasheet HTML 4Page - Dallas Semiconductor DS1615 Datasheet HTML 5Page - Dallas Semiconductor DS1615 Datasheet HTML 6Page - Dallas Semiconductor DS1615 Datasheet HTML 7Page - Dallas Semiconductor DS1615 Datasheet HTML 8Page - Dallas Semiconductor DS1615 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DS1615
3 of 24
DS1615 BLOCK DIAGRAM Figure 1
SIGNAL DESCRIPTIONS
The following paragraphs describe the function of each pin.
VCC- VCC is a +5V input supply. Communication with the DS1615 can take place only when VCC is
connected to a +5V supply.
Vbat- Battery input for standard lithium cell or other energy source. All functions of the DS1615 with the
exception of the serial interface circuitry are powered by Vbat when VCC< Vbat. All functions are powered
by VCC when VCC > Vbat. If a battery or other energy source is not used, the Vbat pin should be connected
directly to GND.
GND - Ground
COMSEL (Communication Select Input) - This pin determines whether serial communication is
asynchronous or synchronous. When pulled high to VCC, communication is synchronous and will take
place via the SCLK, I/O, and RST pins. When COMSEL is tied to ground, asynchronous communication
utilizing the TX and RX pins is selected.
If this pin is floated, the DS1615 will operate in the
asynchronous communications mode since the COMSEL pin has a weak internal pulldown resistor.
Tx (Transmit Output) - Transmit output of the asynchronous serial interface. Tx is tri-stated whenever
VCC < Vbat.
Rx (Receive Input) - Receive input of the asynchronous serial interface.
SCLK (3-wire Serial Clock Input) - The SCLK pin is the serial clock input for the 3-wire synchronous
communications channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com