Electronic Components Datasheet Search
  English  ▼

X  

DS1677 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1677
Description  Portable System Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1677 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1677 Datasheet HTML 2Page - Dallas Semiconductor DS1677 Datasheet HTML 3Page - Dallas Semiconductor DS1677 Datasheet HTML 4Page - Dallas Semiconductor DS1677 Datasheet HTML 5Page - Dallas Semiconductor DS1677 Datasheet HTML 6Page - Dallas Semiconductor DS1677 Datasheet HTML 7Page - Dallas Semiconductor DS1677 Datasheet HTML 8Page - Dallas Semiconductor DS1677 Datasheet HTML 9Page - Dallas Semiconductor DS1677 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS1677
6 of 17
TIME OF DAY ALARM BITS Table 1
ALARM REGISTER MASK BITS (BIT 7)
SECONDS
MINUTES
HOURS
DAYS
1
1
1
1
Alarm once per second.
0
1
1
1
Alarm when seconds match.
0
0
1
1
Alarm when minutes and seconds match.
0
0
0
1
Alarm when hours, minutes and seconds match.
0
0
0
0
Alarm when day, hours, minutes and seconds match.
SPECIAL PURPOSE REGISTERS
The DS1677 has two additional registers (control register and status register) that control the Real Time
Clock and interrupts.
CONTROL REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
EOSC
WP
AIS1
AIS0
0
0
0
AIE
EOSC (Enable Oscillator) – This bit, when set to logic 0 will start the oscillator. When this bit is set
to a logic 1, the oscillator is stopped and the DS1677 is placed into a low–power standby mode with a
current drain of less than 200 nanoamps when in battery back–up mode. When the DS1677 is powered
by VCC, the oscillator is always on regardless of the status of the EOSC bit; however, the real time clock is
incremented only when EOSC is a logic 0.
WP (Write Protect) – Before any write operation to the real time clock or any other registers, this bit
must be logic 0. When high, the write protect bit prevents a write operation to any register.
AIS0–AIS1 (Analog Input Select) – These 2 bits are used to determine the analog input for the
analog–to–digital conversion. Table 2 lists the specific analog input that is selected by these 2 bits.
AIE (Alarm Interrupt Enable) – When set to a logic 1, this bit permits the Interrupt Request Flag
(IRQF) bit in the status register to assert INT. When the AIE bit is set to logic 0, the IRQF bit does not
initiate the INT signal.
ANALOG INPUT SELECTION Table 2
AIS1
AIS0
ANALOG INPUT
0
0
NONE
01
AIN0
10
AIN1
11
AIN2
STATUS REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CU
LOBAT
0000
0
IRQF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com