Electronic Components Datasheet Search
  English  ▼

X  

DS1677 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1677
Description  Portable System Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1677 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1677 Datasheet HTML 1Page - Dallas Semiconductor DS1677 Datasheet HTML 2Page - Dallas Semiconductor DS1677 Datasheet HTML 3Page - Dallas Semiconductor DS1677 Datasheet HTML 4Page - Dallas Semiconductor DS1677 Datasheet HTML 5Page - Dallas Semiconductor DS1677 Datasheet HTML 6Page - Dallas Semiconductor DS1677 Datasheet HTML 7Page - Dallas Semiconductor DS1677 Datasheet HTML 8Page - Dallas Semiconductor DS1677 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS1677
2 of 17
Automatic backup and write protection of an external SRAM is provided through the VCCO and CE0 pins.
The backup energy source used to power the RTC is also used to retain RAM data in the absence of VCC
through the VCCO pin. The chip-enable output to SRAM, CE0 , is controlled during power transients to
prevent data corruption.
The microprocessor monitor circuitry of the DS1677 provides three basic functions. First, a precision
temperature–compensated reference and comparator circuit monitors the status of VCC. When an out–of–
tolerance condition occurs, an internal power–fail signal is generated which forces the to RST the active
state. When VCC returns to an in–tolerance condition, the RST signal is kept in the active state for
250 ms to allow the power supply and processor to stabilize. The DS1677 debounces a push–button input
and guarantees an active RST pulse width of 250 ms. The third function is a watchdog timer. The
DS1677 has an internal timer that forces the RST signal to the active state if the strobe input is not driven
low prior to watchdog time–out.
The DS1677 also provides a 3–channel 8–bit successive approximation analog–to–digital converter. The
converter has an internal 2.55 volt (typical) reference voltage generated by an on–board band–gap circuit.
The A/D converter is monotonic (no missing codes) and has an internal analog filter to reduce high
frequency noise.
OPERATION
The block diagram in Figure 1 shows the main elements of the DS1677. The following paragraphs
describe the function of each pin.
DS1677 BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com