Electronic Components Datasheet Search
  English  ▼

X  

DS1677 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1677
Description  Portable System Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1677 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1677 Datasheet HTML 1Page - Dallas Semiconductor DS1677 Datasheet HTML 2Page - Dallas Semiconductor DS1677 Datasheet HTML 3Page - Dallas Semiconductor DS1677 Datasheet HTML 4Page - Dallas Semiconductor DS1677 Datasheet HTML 5Page - Dallas Semiconductor DS1677 Datasheet HTML 6Page - Dallas Semiconductor DS1677 Datasheet HTML 7Page - Dallas Semiconductor DS1677 Datasheet HTML 8Page - Dallas Semiconductor DS1677 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
050200
FEATURES
Provides Real Time Clock:
-
Counts seconds, minutes, hours, date of
the month, month, day of the week, and
year with leap year compensation valid up
to 2100
-
Power control circuitry supports system
power on from day/time alarm
Microprocessor monitor:
-
Halts microprocessor during power–fail
-
Automatically restarts microprocessor
after power failure
-
Monitors push–button for external
override
-
Halts and resets an out of control
microprocessor
=NV RAM control:
-
Automatic battery backup and write
protection to external SRAM
3–channel, 8–bit analog–to–digital converter
Simple 3–wire interface
+5.0V operation
=1.25V threshold detector for power–fail
warning
PIN ASSIGNMENT
ORDERING INFORMATION
DS1677E 20–Pin TSSOP
DESCRIPTION
The Portable System Controller is a circuit which incorporates many of the functions necessary for low
power portable products integrated into one chip. The DS1677 provides a Real Time Clock, NV RAM
controller, micro-processor monitor, power–fail warning, and a 3–channel, 8–bit analog–to–digital
converter. Communication with the DS1677 is established through a simple 3–wire interface.
The Real Time Clock (RTC) provides seconds, minutes, hours, day, date, month, and year information
with leap year compensation. The RTC also provides an alarm interrupt. This interrupt works when the
DS1677 is powered by the system power supply or when in battery backup operation so the alarm can be
used to wake up a system that is powered down.
DS1677
Portable System Controller
www.dalsemi.com
20-Pin TSSOP
VBAT
VCCO
SCLK
I/O
CS
CEI
CEO
NC
INT
GND
ST
VCC
X1
X2
AIN0
AIN1
AIN2
RST
PFI
PFO
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10


Similar Part No. - DS1677

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677-5 DALLAS-DS1677-5 Datasheet
549Kb / 18P
Portable System Controller
DS1677E DALLAS-DS1677E Datasheet
549Kb / 18P
Portable System Controller
logo
Maxim Integrated Produc...
DS1677E MAXIM-DS1677E Datasheet
230Kb / 18P
Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677E+ DALLAS-DS1677E+ Datasheet
549Kb / 18P
Portable System Controller
More results

Similar Description - DS1677

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
Portable System Controller
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
Portable System Clock Synthesizer
Revision 022798
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
Integrated Portable System Processor
logo
Dallas Semiconductor
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
Portable System Controller with Touch-Screen Control
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
Portable System Controller
logo
Maxim Integrated Produc...
DS1670 MAXIM-DS1670 Datasheet
366Kb / 16P
Portable System Controller
REV: 080805
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
Portable System Controller
REV: 080905
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
Lightweight Portable Amplification System
5/28/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com