Electronic Components Datasheet Search
  English  ▼

X  

STL35N15F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL35N15F3
Description  N-channel 150 V, 0.0355, 7 A STripFET III Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL35N15F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL35N15F3 Datasheet HTML 2Page - STMicroelectronics STL35N15F3 Datasheet HTML 3Page - STMicroelectronics STL35N15F3 Datasheet HTML 4Page - STMicroelectronics STL35N15F3 Datasheet HTML 5Page - STMicroelectronics STL35N15F3 Datasheet HTML 6Page - STMicroelectronics STL35N15F3 Datasheet HTML 7Page - STMicroelectronics STL35N15F3 Datasheet HTML 8Page - STMicroelectronics STL35N15F3 Datasheet HTML 9Page - STMicroelectronics STL35N15F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STL35N15F3
6/17
Doc ID 018598 Rev 2
2.1
Electrical characteristics
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on-resistance
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
10ms
100ms
1s
Tj=150°C
Tc=25°C
Single pulse
AM09040v1
ID
60
40
20
0
0
2
VDS(V)
4
(A)
6
80
5V
3V
4V
VGS=10V
AM09041v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
80
VDS=8V
AM09042v1
BVDSS
TJ(°C)
(norm)
-25
75
25
125
0.92
0.94
0.96
1.00
1.02
1.06
0.98
1.04
1.08
ID=1mA
AM09043v1
RDS(on)
30
20
10
0
0
2
ID(A)
(m
Ω)
1
3
40
50
VGS=10V
5
4
6
AM09044v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com