Electronic Components Datasheet Search
  English  ▼

X  

STL35N15F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL35N15F3
Description  N-channel 150 V, 0.0355, 7 A STripFET III Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL35N15F3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL35N15F3 Datasheet HTML 3Page - STMicroelectronics STL35N15F3 Datasheet HTML 4Page - STMicroelectronics STL35N15F3 Datasheet HTML 5Page - STMicroelectronics STL35N15F3 Datasheet HTML 6Page - STMicroelectronics STL35N15F3 Datasheet HTML 7Page - STMicroelectronics STL35N15F3 Datasheet HTML 8Page - STMicroelectronics STL35N15F3 Datasheet HTML 9Page - STMicroelectronics STL35N15F3 Datasheet HTML 10Page - STMicroelectronics STL35N15F3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STL35N15F3
Electrical characteristics
Doc ID 018598 Rev 2
7/17
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on-resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
Qg(nC)
(V)
60
8
20
40
10
VDD=75V
ID=6A
12
AM09045v1
C
1000
100
10
0
100
VDS(V)
(pF)
50
Ciss
Coss
Crss
AM09046v1
VGS(th)
1.0
0.7
0.6
0.5
TJ(°C)
(norm)
-25
1.1
75
25
125
0.8
0.9
ID=250µA
AM09047v1
RDS(on)
2.0
1.5
1.0
0.5
TJ(°C)
(norm)
-25
75
25
125
2.5
0
ID=3.5A
VGS=10V
AM09048v1
VSD
0
2
ISD(A)
(V)
1
5
3
4
0.3
0.4
0.5
0.6
0.7
0.8
0.9
TJ=-55°C
TJ=175°C
TJ=25°C
6
AM09049v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com