Electronic Components Datasheet Search
  English  ▼

X  

STL35N15F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL35N15F3
Description  N-channel 150 V, 0.0355, 7 A STripFET III Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL35N15F3 Datasheet(HTML) 3 Page - STMicroelectronics

  STL35N15F3 Datasheet HTML 1Page - STMicroelectronics STL35N15F3 Datasheet HTML 2Page - STMicroelectronics STL35N15F3 Datasheet HTML 3Page - STMicroelectronics STL35N15F3 Datasheet HTML 4Page - STMicroelectronics STL35N15F3 Datasheet HTML 5Page - STMicroelectronics STL35N15F3 Datasheet HTML 6Page - STMicroelectronics STL35N15F3 Datasheet HTML 7Page - STMicroelectronics STL35N15F3 Datasheet HTML 8Page - STMicroelectronics STL35N15F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STL35N15F3
Electrical ratings
Doc ID 018598 Rev 2
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
150
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
The value is rated according to Rthj-c
Drain current (continuous) at TC = 25 °C
33
A
ID
(2)
2.
The value is rated according to Rthj-pcb
Drain current (continuous) at Tpcb = 25 °C
7
A
ID
(2)
Drain current (continuous) at Tpcb = 100 °C
4.3
A
IDM
(3),(2)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
28
A
PTOT
(1)
Total dissipation at TC = 25 °C
80
W
PTOT
(2)
Total dissipation at Tpcb = 25 °C
4
W
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.56
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-pcb
31.3
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com