Electronic Components Datasheet Search
  English  ▼

X  

DS1806 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1806
Description  Digital Sextet Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1806 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1806 Datasheet HTML 1Page - Dallas Semiconductor DS1806 Datasheet HTML 2Page - Dallas Semiconductor DS1806 Datasheet HTML 3Page - Dallas Semiconductor DS1806 Datasheet HTML 4Page - Dallas Semiconductor DS1806 Datasheet HTML 5Page - Dallas Semiconductor DS1806 Datasheet HTML 6Page - Dallas Semiconductor DS1806 Datasheet HTML 7Page - Dallas Semiconductor DS1806 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1806
6 of 8
102199
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
-40°C to +85°C; industrial
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
5.5
V
1
DC ELECTRICAL CONDITIONS
(-40
°C to +85°C; V
CC=2.7 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current Active
ICC
1.3
2
mA
Input Leakage
IIL
-1
+1
µA
Wiper Resistance
RW
400
1000
Ω
Wiper Current
IW
1
mA
Input Logic 1
VIH
2.0
VCC+0.5
V
1
Input Logic 0
VIL
-0.5
+0.8
+0.6
V
1,6
Logic 1 Output @ 2.4 volts
IOH
-1
mA
Logic 0 Output @ 0.4 Volts
IOL
4
mA
6
Standby Current
3 Volts
5 Volts
ISTBY
12
20
40
µA
µA
9
Resistor Inputs
HX, LX, WX
GND-0.5
VCC+0.5
µA
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com