Electronic Components Datasheet Search
  English  ▼

X  

DS1806 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1806
Description  Digital Sextet Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1806 Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS1806 Datasheet HTML 1Page - Dallas Semiconductor DS1806 Datasheet HTML 2Page - Dallas Semiconductor DS1806 Datasheet HTML 3Page - Dallas Semiconductor DS1806 Datasheet HTML 4Page - Dallas Semiconductor DS1806 Datasheet HTML 5Page - Dallas Semiconductor DS1806 Datasheet HTML 6Page - Dallas Semiconductor DS1806 Datasheet HTML 7Page - Dallas Semiconductor DS1806 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DS1806
8 of 8
102199
4. -3 dB cutoff frequency characteristics for the DS1806 depend on potentiometer total resistance:
DS1806-010; 1 MHz; DS1806-050; 200 kHz, DS1806-100; 100 kHz.
5. See Figure 4.
6. For VCC = 5V
±10% maximum V
IL = +0.8V. For VCC = 3.0
±10% V
IL = +0.6V.
7. Absolute linearity is to used measure expected wiper voltage versus measured wiper voltage as
determined by wiper position. The DS1806 is specified to provide an absolute linearity of
+ 0.5 LSB.
8. Relative linearity is used to determine the change in wiper voltage between two adjacent wiper
positions. The DS1806 is specified to provide a relative linearity of
+ 0.25 LSB.
9. Standby current levels apply when all inputs are driven to appropriate supply levels.
10. Valid at 25
°C only.
DS1806 ORDERING INFORMATION
ORDERING
NUMBER
PACKAGE
OPERATING
TEMPERATURE
VERSION
DS1806-010
20L DIP
-40°C TO +85°C
10 k
Ω
DS1806-050
20L DIP
-40°C TO +85°C
50 k
Ω
DS1806-100
20L DIP
-40°C TO +85°C
100 k
Ω
DS1806E-010
20L TSSOP (173-mil)
-40°C TO +85°C
10 k
Ω
DS1806E-050
20L TSSOP (173-mil)
-40°C TO +85°C
50 k
Ω
DS1806E-100
20L TSSOP (173-mil)
-40°C TO +85°C
100 k
Ω
DS1806S-010
20L SOIC (300-mil)
-40°C TO +85°C
10 k
Ω
DS1806S-050
20L SOIC (300-mil)
-40°C TO +85°C
50 k
Ω
DS1806S-100
20L SOIC (300-mil)
-40°C TO +85°C
100 k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com