Electronic Components Datasheet Search
  English  ▼

X  

DS1806 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1806
Description  Digital Sextet Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1806 Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1806 Datasheet HTML 1Page - Dallas Semiconductor DS1806 Datasheet HTML 2Page - Dallas Semiconductor DS1806 Datasheet HTML 3Page - Dallas Semiconductor DS1806 Datasheet HTML 4Page - Dallas Semiconductor DS1806 Datasheet HTML 5Page - Dallas Semiconductor DS1806 Datasheet HTML 6Page - Dallas Semiconductor DS1806 Datasheet HTML 7Page - Dallas Semiconductor DS1806 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DS1806
7 of 8
102199
ANALOG RESISTOR CHARACTERISTICS
(-40
°C to +85°C;V
CC=2.7 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End-to-End Resistor Tolerance
-20
+20
%
10
Absolute Linearity
-0.5
+0.5
LSB
7
Relative Linearity
-0.25
+0.25
LSB
8
-3 dB Cutoff Frequency
ICUTOFF
Hz
4
Temperature Coefficient
750
ppm/
°C
CAPACITANCE
(tA =25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
3
Output Capacitance
COUT
7
pF
3
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C;V
CC=2.7 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Clock Frequency
fCLK
DC
10
MHz
5
Width of CLK Pulse
tCH
50
ns
5
Data Setup Time
tDC
30
ns
5
Data Hold Time
tCDH
0
ns
5
Propagation Delay Time Low
to High Level Clock to
Output
tPLH
50
ns
5
RST
High to Clock Input
High
tCC
50
ns
5
RST
Low to Clock Input
High
tHLT
50
ns
5
RST
Inactive
tRLT
125
ns
5
CLK Rise Time, CLK Fall
Time
tCR
50
ns
5
NOTES:
1. All voltages are referenced to ground.
2. Resistor inputs cannot go below GND by more than 0.5 volts or above VCC by 0.5 volts in the positive
direction.
3. Capacitance values apply at 25
°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com