Electronic Components Datasheet Search
  English  ▼

X  

DS1806 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1806
Description  Digital Sextet Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1806 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1806 Datasheet HTML 1Page - Dallas Semiconductor DS1806 Datasheet HTML 2Page - Dallas Semiconductor DS1806 Datasheet HTML 3Page - Dallas Semiconductor DS1806 Datasheet HTML 4Page - Dallas Semiconductor DS1806 Datasheet HTML 5Page - Dallas Semiconductor DS1806 Datasheet HTML 6Page - Dallas Semiconductor DS1806 Datasheet HTML 7Page - Dallas Semiconductor DS1806 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
102199
FEATURES
§ Six digitally controlled 64-position
potentiometers
§ 3-wire serial port provides for reading and
setting each potentiometer
§ Devices can be cascaded for single processor
multi-device control
§ Standard resistance values:
-
DS1806-010
10 k
Ω
-
DS1806-050
50 k
Ω
-
DS1806-100
100 k
Ω
§ Operating Temperature Range:
-
Industrial temperature: -40
°C to +85°C
PIN DESCIPTION
VCC
- 3V or 5V Supply
RST
- Serial Port Reset Input
DIN
- Serial Port Data Input
CLK
- Serial Port Clock Input
COUT
- Cascade Data Output
H1 - H6
- High End terminal of Pot
W1 - W6
- Wiper Terminal of Pot
GND
- Ground
L1-3
- Low Terminal Pots 1 through 3
L4-6
- Low Terminal Pots 4 through 6
PIN ASSIGNMENT
DESCRIPTION
The DS1806 Digital Sextet Potentiometer is a six-channel, digitally controlled, solid-state linear
potentiometer. Each potentiometer is comprised of 63 equiresistive sections as illustrated in the block
diagram of Figure 1. Each potentiometer has three terminals accessible to the user. These include the high
side terminals, HX, the wiper terminals, WX, and the low-end terminals, L1-3 and L4-6. Potentiometers 1
through 3 share the same low-end terminal L1-3; likewise, potentiometers 4 through 6 share the low-end
terminal L4-6.
Each wiper’s position is selected via an 8-bit register value. Communication and control of the device is
accomplished via a 3-wire serial port interface. This interface in conjunction with a cascade output allows
the value of the device wiper settings to be read.
DS1806
Digital Sextet Potentiometer
www.dalsemi.com
W1
1
20
VCC
W2
2
19
H1
L1-3
3
18
H2
W3
4
17
H3
W4
5
16
H4
L4-6
6
15
H5
W6
7
14
W5
RST
8
13
H6
CLK
9
12
DIN
GND
10
11
COUT
DS1806 20-Pin DIP (300-mil)
DS1806S 20-Pin SOIC (300-mil)
DS1806E 20-Pin TSSOP (173-mil)
See Mech. Drawings Section


Similar Part No. - DS1806

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1806 MAXIM-DS1806 Datasheet
285Kb / 8P
Digital Sextet Potentiometer
102199
More results

Similar Description - DS1806

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1806 MAXIM-DS1806 Datasheet
285Kb / 8P
Digital Sextet Potentiometer
102199
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com