Electronic Components Datasheet Search
  English  ▼

X  

DS1844 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1844
Description  Quad Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1844 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1844 Datasheet HTML 3Page - Dallas Semiconductor DS1844 Datasheet HTML 4Page - Dallas Semiconductor DS1844 Datasheet HTML 5Page - Dallas Semiconductor DS1844 Datasheet HTML 6Page - Dallas Semiconductor DS1844 Datasheet HTML 7Page - Dallas Semiconductor DS1844 Datasheet HTML 8Page - Dallas Semiconductor DS1844 Datasheet HTML 9Page - Dallas Semiconductor DS1844 Datasheet HTML 10Page - Dallas Semiconductor DS1844 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS1844
7 of 14
101999
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40°C to +85°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
+5.5
V
1
Resistor Inputs
L,H,W
GND
-0.5
VCC
+0.5
V
1,12
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCC =2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Current Active
ICC
2
mA
19
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
250
500
Ohms
Wiper Current
IW
1
mA
Input Logic 1
VIH
0.7VCC
VCC+0.5
V
1,2
Input Logic 0
VIL
GND-0.5
0.3VCC
V
1,2
Input Logic levels A0, A1,
A2
Input Logic 1
Input Logic 0
0.7VCC
GND-0.5
VCC+0.5
0.3VCC
V
11
Input Current each I/O pin
0.4<VI/O<0.9VDD
-10
+10
µA
Standby Current
3V
5V
Istby
15
25
40
µA
4
VOL1
3 mA sink current
0.0
0.4
V
Low Level Output Voltage
(SDA)
VOL2
6 mA sink current
0.0
0.6
V
I/O Capacitance
CI/O
10
pF
Pulse width of spikes which
must be suppressed by the
input filter
tSP
Fast Mode
0
50
ns
22
DOUT Output @ 2.4V
IOH
-1.0
mA
23,24
DOUT Output @ 0.4V
IOL
4
mA
23,24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com