Electronic Components Datasheet Search
  English  ▼

X  

DS1844 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1844
Description  Quad Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1844 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1844 Datasheet HTML 5Page - Dallas Semiconductor DS1844 Datasheet HTML 6Page - Dallas Semiconductor DS1844 Datasheet HTML 7Page - Dallas Semiconductor DS1844 Datasheet HTML 8Page - Dallas Semiconductor DS1844 Datasheet HTML 9Page - Dallas Semiconductor DS1844 Datasheet HTML 10Page - Dallas Semiconductor DS1844 Datasheet HTML 11Page - Dallas Semiconductor DS1844 Datasheet HTML 12Page - Dallas Semiconductor DS1844 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1844
9 of 14
101999
5-WIRE SERIAL INTERFACE
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCC=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Port Select Setup
tSETUP
30
ns
14, 21
R/ W Setup
tSETUP
30
ns
14, 21
Clock Frequency
fCLK
DC
5
MHz
14, 15
Width of CLK Pulse
tCH
50
ns
14, 15
Data Setup Time
tDC
30
ns
14, 15
Data Hold Time
tCDH
0
ns
14, 15
Progapation Delay Time High to Low
Level Clock to Output
tDV
40
ns
14, 15
RST High to Clock Input High
tCC
50
ns
14, 15
RST Low from Clock Input High
tHLT
50
ns
14, 15
RST Inactive
tRLT
125
ns
14, 15
CLK Rise Time, CLK Fall Time
tCR
50
ns
14, 15
NOTES:
1.
All voltages are referenced to ground.
2.
I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VCC is switched off.
3.
ICC specified with SDA pin open.
4.
ISTBY specified with for VCC equal 3.0V and 5.0V and control port logic pins are driven to the
appropriate logic levels. Appropriate logic levels specify that logic inputs are within a 0.5-volt of
ground or VCC for the corresponding inactive state.
5.
After this period, the first clock pulse is generated.
6.
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the
VIH MIN of the SCL signal) in order to bridge the undefined region of the falling edge of SCL.
7.
The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW ) of
the SCL.
8.
A fast mode device can be used in a standard mode system, but the requirement tSU:DAT > 250 ns
must then be met. This will automatically be the case if the device does not stretch the LOW
period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must
output the next data bit to the SDA line tRMAX + tSU:DAT = 1000+250=1250 ns before the SCL line
is released.
9.
CB - total capacitance of one bus line in picofarads, timing referenced to (0.9)(VCC) and (0.1)
(VCC).
10.
Typical values are for ta = 25°C and nominal supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com