Electronic Components Datasheet Search
  English  ▼

X  

DS1844 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1844
Description  Quad Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1844 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1844 Datasheet HTML 6Page - Dallas Semiconductor DS1844 Datasheet HTML 7Page - Dallas Semiconductor DS1844 Datasheet HTML 8Page - Dallas Semiconductor DS1844 Datasheet HTML 9Page - Dallas Semiconductor DS1844 Datasheet HTML 10Page - Dallas Semiconductor DS1844 Datasheet HTML 11Page - Dallas Semiconductor DS1844 Datasheet HTML 12Page - Dallas Semiconductor DS1844 Datasheet HTML 13Page - Dallas Semiconductor DS1844 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS1844
10 of 14
101999
11.
Address Inputs, A0, A1, and A2, should be tied to either VCC or GND depending on the desired
address selections.
12.
Resistor inputs cannot go below GND by more than 0.5 volts or above VCC by more than 0.5
volts.
13.
-3dB cutoff frequency characteristics for the DS1844 depend on potentiometer total resistance:
DS1844-010; 1 MHz; DS1844-050; 200 kHz; DS1844-100; 100 kHz.
14.
See Figure 3, 5-wire timing diagram.
15.
For 5-wire control logic and VCC = 5V ±10%, maximum VIL = +0.8V. For VCC = 3.0V ±10%,VIL
= +0.6V.
16.
Absolute linearity is used to measure expected wiper voltage versus measured wiper voltage as
determined by wiper position. The DS1844 is specified to provide an absolute linearity of ± 0.5
LSB.
17.
Relative linearity is used to determine the change in wiper voltage between two adjacent wiper
positions. The DS1844 is specified to provide a relative linearity of ± 0.25 dB.
18.
When used as a rheostat or variable resistor the temperature coefficient applies: 650 ppm/°C.
When used as a voltage divider or potentiometer, the effective temperature coefficient approaches
30 ppm/°C.
19.
Maximum ICC active current is dependent on clock rates during serial port activity. Maximum
ICC active current is specified for 5 MHz clock rates, and worse case input logic levels.
20.
tSETUP is the minimum time required for the port select input, PS, to be stable before any activity
on SDA or SCL terminals.
21.
tSETUP is the minimum time required for the port select input, PS, and/or the R/ W input to be
stable before RST becomes active (or goes to a high state).
22.
See Figure 8, 5-wire timing diagram.
23.
Measured with load as shown in Figure 9.
24.
Valid for VCC = 5V only.
25.
Valid at 25
°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com