Electronic Components Datasheet Search
  English  ▼

X  

DS1844 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1844
Description  Quad Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1844 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1844 Datasheet HTML 4Page - Dallas Semiconductor DS1844 Datasheet HTML 5Page - Dallas Semiconductor DS1844 Datasheet HTML 6Page - Dallas Semiconductor DS1844 Datasheet HTML 7Page - Dallas Semiconductor DS1844 Datasheet HTML 8Page - Dallas Semiconductor DS1844 Datasheet HTML 9Page - Dallas Semiconductor DS1844 Datasheet HTML 10Page - Dallas Semiconductor DS1844 Datasheet HTML 11Page - Dallas Semiconductor DS1844 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS1844
8 of 14
101999
ANALOG RESISTOR CHARACTERISTICS
(-40°C to +85°C; VCC=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
End-to-End Resistor
Tolerance
-20
+20
%
25
Absolute Linearity
-0.5
+0.5
LSB
16
Relative Linearity
-0.25
+0.25
LSB
17
-3dB Cutoff frequency
fcutoff
kHz
13
Temperature Coefficent
750
ppm/°C
18
2-WIRE ADDRESSABLE INTERFACE
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCC=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Port Select Setup
tSETUP
30
ns
20,22
SCL Clock Frequency
fSCL
0
0
400
100
kHz
*,8
**,22
Bus Free Time Between
STOP and START Condition
tBUF
1.3
4.7
µs
*,8
**,22
Hold Time (repeated)
START Condition
tHD:STA
0.6
4.0
µs
*,5,8
**,22
Low Period of SCL Clock
tLOW
1.3
4.7
µs
*,8
**,22
High Period of SCL Clock
tHIGH
0.6
4.0
µs
*,8
**,22
Data Hold Time
tHD:DAT
0
0
0.9
µs
*,6,7,
**,22
Data Setup Time
tSU:DAT
100
250
ns
*,8
**,22
Rise Time of Both SDA and
SCL Signals
tR
20+0.1CB
300
1000
ns
*,9
**,22
Fall Time of Both SDA and
SCL Signals
tF
20+0.1CB
300
300
ns
*,9
**,22
Setup Time for STOP
Condition
tSU:STO
0.6
4.0
µs
*,
**,22
Capacitive Load for each
Bus Line
CB
400
pF
9
* fast mode
** standard mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com